Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD07R Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

ESD07R Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # ESD07R
Download  ESD07R Download
File Size   326.24 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 200 W Transient Voltage Suppressors Diode

ESD07R Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD07R Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # ESD07R
Download  ESD07R Click to download

File Size   326.24 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 200 W Transient Voltage Suppressors Diode

ESD07R Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


ESD07R Product details

DESCRIPTION
• Designed to protect voltage sensitive components from ESD.
• Excellent clamping capability, low leakage and fast response.
• Cellular phones, MP3 players, digital cameras ... etc.
• Suitable for electronics where board space is a major design consideration.

EATURES
• Response time is typically < 1 ns
• Low leakage
• Stand-off voltage:7.0V
• ESD rating of class 3 (> 16 kV) per human body model
• IEC61000-4-2 level 4 ESD protection




Similar Part No. - ESD07R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESD07R SECOS-ESD07R_15 Datasheet
326Kb / 2P
200 W Transient Voltage Suppressors Diode
More results


Similar Description - ESD07R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESD05R SECOS-ESD05R Datasheet
332Kb / 2P
150 W Transient Voltage Suppressors Diode
KS05B3 SECOS-KS05B3 Datasheet
1Mb / 2P
40 W Transient Voltage Suppressors Diode
KS05M5 SECOS-KS05M5 Datasheet
385Kb / 2P
100 W Transient Voltage Suppressors Diode
KS05V5 SECOS-KS05V5 Datasheet
544Kb / 2P
40 W Transient Voltage Suppressors Diode
SESD05 SECOS-SESD05 Datasheet
630Kb / 2P
110 W Transient Voltage Suppressors Diode
SESD12 SECOS-SESD12 Datasheet
527Kb / 2P
110 W Transient Voltage Suppressors Diode
ESD03R SECOS-ESD03R_15 Datasheet
329Kb / 2P
150 W Transient Voltage Suppressors Diode
ESD07R SECOS-ESD07R_15 Datasheet
326Kb / 2P
200 W Transient Voltage Suppressors Diode
KS05B3 SECOS-KS05B3_15 Datasheet
1Mb / 2P
40 W Transient Voltage Suppressors Diode
KS05L4 SECOS-KS05L4_15 Datasheet
359Kb / 2P
100 W Transient Voltage Suppressors Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com