Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBL401 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

GBL401 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # GBL401
Download  GBL401 Download
File Size   275.18 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 4.0 Amp Glass Passivated Bridge Rectifiers

GBL401 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBL401 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # GBL401
Download  GBL401 Click to download

File Size   275.18 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 4.0 Amp Glass Passivated Bridge Rectifiers

GBL401 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


GBL401 Product details

FEATURES
• Io : 4A
• VRRM : 50~1000V
• Glass passivated chip
• High surge forward current capability

APPLICATIONS
• General purpose 1 phase Bridge rectifier applications




Similar Part No. - GBL401

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL401 LRC-GBL401 Datasheet
65Kb / 2P
Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
logo
Pan Jit International I...
GBL401 PANJIT-GBL401 Datasheet
47Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
GBL401 DACHANG-GBL401 Datasheet
171Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 4.0A
logo
Shenzhen Luguang Electr...
GBL401 LUGUANG-GBL401 Datasheet
175Kb / 2P
Silicon Bridge Rectifiers
More results


Similar Description - GBL401

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ4A SECOS-GBJ4A Datasheet
287Kb / 2P
4.0 AMP Glass Passivated Bridge Rectifiers
KBU4A SECOS-KBU4A Datasheet
55Kb / 2P
VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RS401L SECOS-RS401L Datasheet
128Kb / 2P
VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RS401M SECOS-RS401M Datasheet
291Kb / 2P
VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
MUR420 SECOS-MUR420 Datasheet
383Kb / 2P
4.0 Amp Glass Passivated Ultrafast Rectifiers
logo
Shenzhen Luguang Electr...
MUR420 LUGUANG-MUR420 Datasheet
184Kb / 2P
4.0 AMP. Ultrafast Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
S4KBJ20 SECOS-S4KBJ20_15 Datasheet
264Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
S4KBP20 SECOS-S4KBP20_15 Datasheet
227Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
S4KBJ20-C SECOS-S4KBJ20-C Datasheet
264Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
S4KBP20-C SECOS-S4KBP20-C Datasheet
227Kb / 2P
4.0 Amp Glass Passivited Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com