Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF1300 Datasheet (PDF) - Microsemi Corporation

DRF1300 Datasheet PDF - Microsemi Corporation
Part # DRF1300
Download  DRF1300 Download
File Size   265.24 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MOSFET Push-Pull Hybrid

DRF1300 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRF1300 Datasheet PDF - Microsemi Corporation

Part # DRF1300
Download  DRF1300 Click to download

File Size   265.24 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MOSFET Push-Pull Hybrid

DRF1300 Datasheet (HTML) - Microsemi Corporation


DRF1300 Product details

The DRF1300 is a push-pull hybrid containing two high power gate drivers and two power MOSFETs. It was designed to provide the system designer increased flexibility, higher performance, and lowered cost over a non-integrated solution. This low parasitic approach, coupled with the Schmitt trigger input, Kelvin signal ground, Anti-Ring function Invert and Non-invert select pin provide improved stability and control in Kilowatt to Multi-Kilowatt, High Frequency ISM applications.

FEATURES
• Switching Frequency: DC TO 30MHz
• Inverting Non-Inverting Select
• Low Pulse Width Distortion
• Single Power Supply (Per Section)
• 1V CMOS Schmitt Trigger Input 1V Hysteresis
• Switching Speed 3-4ns
• BVds = 500V
• Ids = 30A max. Per-section
• Rds(on) ≤ .24 Ohm
• PD = 550W Per-section
• RoHS Compliant

TYPICAL APPLICATIONS
• Class C, D and E RF Generators
• Switch Mode Power Amplifiers
• HV Pulse Generators
• Ultrasound Transducer Drivers
• Acoustic Optical Modulators




Similar Part No. - DRF1300

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DRF1300 MICROSEMI-DRF1300 Datasheet
171Kb / 4P
MOSFET Push-Pull Hybrid
More results


Similar Description - DRF1300

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DRF1300 MICROSEMI-DRF1300 Datasheet
171Kb / 4P
MOSFET Push-Pull Hybrid
DRF1301 MICROSEMI-DRF1301 Datasheet
176Kb / 4P
MOSFET Push-Pull Hybrid
DRF1301 MICROSEMI-DRF1301_11 Datasheet
280Kb / 4P
MOSFET Push-Pull Hybrid
logo
RF Micro Devices
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
RFPP3180 RFMD-RFPP3180 Datasheet
133Kb / 3P
GaAs Push Pull Hybrid
logo
TriQuint Semiconductor
QPA3320 TRIQUINT-QPA3320 Datasheet
197Kb / 4P
CATV Push Pull Hybrid 1003MHz 34dB
logo
Qorvo, Inc
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
CATV Push Pull Hybrid 1218MHz 34dB
S10040180P1 QORVO-S10040180P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 18dB
S10040140P1 QORVO-S10040140P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 14dB
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com