Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA42W Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MMBTA42W Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MMBTA42W
Download  MMBTA42W Download
File Size   138.0 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description General Purpose Transistor

MMBTA42W Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA42W Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MMBTA42W
Download  MMBTA42W Click to download

File Size   138.0 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description General Purpose Transistor

MMBTA42W Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


MMBTA42W Product details

FEATURES
 Plastic-Encapsulate Transistors
 Power dissipation & Collector current
     Pcm: 0.2W Icm: 0.3A
 High voltage V(BR): 300V




Similar Part No. - MMBTA42W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBTA42W PANJIT-MMBTA42W Datasheet
119Kb / 6P
NPN HIGH VOLTAGE TRANSISTOR
logo
Foshan Blue Rocket Elec...
MMBTA42W FOSHAN-MMBTA42W Datasheet
720Kb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
logo
SeCoS Halbleitertechnol...
MMBTA42W SECOS-MMBTA42W Datasheet
138Kb / 2P
General Purpose Transistor
logo
Guangdong Kexin Industr...
MMBTA42W KEXIN-MMBTA42W_15 Datasheet
1,020Kb / 2P
NPN Transistors
logo
SeCoS Halbleitertechnol...
MMBTA42W SECOS-MMBTA42W_15 Datasheet
138Kb / 2P
General Purpose Transistor
More results


Similar Description - MMBTA42W

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com