Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZT2222A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

PZT2222A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # PZT2222A
Download  PZT2222A Download
File Size   182.41 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description General Purpose Transistor

PZT2222A Datasheet (PDF)

Go To PDF Page Download Datasheet
PZT2222A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # PZT2222A
Download  PZT2222A Click to download

File Size   182.41 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description General Purpose Transistor

PZT2222A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


PZT2222A Product details

FEATURES
   Power dissipation
       PCM:1 W (Tamb=25°C)
   Collector current
       ICM :0.6 A
   Collector-base voltage
      V(BR)CBO :75V
   Operating and storage junction temperature range
      TJ,Tstg: -55°C to +150°C




Similar Part No. - PZT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 14
logo
Siemens Semiconductor G...
PZT2222A SIEMENS-PZT2222A Datasheet
126Kb / 6P
NPN Silicon Switching Transistors
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
113Kb / 6P
NPN General Purpose Amplifier
PZT2222A FAIRCHILD-PZT2222A Datasheet
211Kb / 8P
NPN General Purpose Amplifier
logo
Weitron Technology
PZT2222A WEITRON-PZT2222A Datasheet
108Kb / 4P
NPN Silicon Planar Epitaxial Transistor
More results


Similar Description - PZT2222A

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com