Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1R07A Datasheet (PDF) - Seme LAB

IP1R07A Datasheet PDF - Seme LAB
Part # IP1R07A
Download  IP1R07A Download
File Size   32.4 Kbytes
Page   3 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR

IP1R07A Datasheet (PDF)

Go To PDF Page Download Datasheet
IP1R07A Datasheet PDF - Seme LAB

Part # IP1R07A
Download  IP1R07A Click to download

File Size   32.4 Kbytes
Page   3 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR

IP1R07A Datasheet (HTML) - Seme LAB


IP1R07A Product details

Description

The IP3R07A series of low dropout adjustable voltage regulators are capable of supplying 3A of output current with an input-to-output voltage of just 0.8V. In applications where high efficiency is necessary it is now possible to obtain a low cost, single chip solution. These regulators are exceptionally easy to use, requiring only two external resistors to set the output voltage.

The IP3R07A exhibits an initial ±1% output voltage tolerance, and over all operating conditions the reference voltage is guaranteed not to vary more than ±2%. These devices include internal current limiting, thermal overload protection, and power device safe operating area compensation.



FEATURES

• 1% OUTPUT VOLTAGE TOLERANCE (–A VERSIONS)

• 0.3% LOAD REGULATION

• 0.01% / V LINE REGULATION

• 0.8V DROPOUT VOLTAGE AT 3A

• COMPLETE SERIES OF PROTECTIONS:

   • CURRENT LIMITING

   • THERMAL SHUTDOWN

   • SOA CONTROL



 




Similar Part No. - IP1R07A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R17 SEME-LAB-IP1R17 Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-05 SEME-LAB-IP1R17-05 Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-12 SEME-LAB-IP1R17-12 Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R17-15 SEME-LAB-IP1R17-15 Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
IP1R1705-G SEME-LAB-IP1R1705-G Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
More results


Similar Description - IP1R07A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
3 Amp Low Dropout Positive Voltage Regulator
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
logo
International Rectifier
OM186STM IRF-OM186STM Datasheet
277Kb / 5P
Adjustable Low Dropout Positive Voltage Regulator
logo
Solid States Devices, I...
SVR007B SSDI-SVR007B Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
SVR007B SSDI-SVR007B_15 Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
logo
Aeroflex Circuit Techno...
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
logo
Anaren Microwave
MSK5971RH ANAREN-MSK5971RH Datasheet
558Kb / 8P
RAD HARD POSITIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com