Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5543 Datasheet (PDF) - Microsemi Corporation

LX5543 Datasheet PDF - Microsemi Corporation
Part # LX5543
Download  LX5543 Download
File Size   92.93 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2.4-2.5 GHz Front-End Module with Internally Matched Power Amplifier and SP3T Switch

LX5543 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5543 Datasheet PDF - Microsemi Corporation

Part # LX5543
Download  LX5543 Click to download

File Size   92.93 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 2.4-2.5 GHz Front-End Module with Internally Matched Power Amplifier and SP3T Switch

LX5543 Datasheet (HTML) - Microsemi Corporation


LX5543 Product details

DESCRIPTION
LX5543 is a WLAN front-end module (FEM) for 802.11b/g/n and other applications in the 2.4-2.5GHz frequency range. LX5543 integrates an advanced InGaP/GaAs Hetero-junction Bipolar Transistor (HBT) power amplifier with on chip impedance matching and a Depletion mode pHEMT (D-pHEMT) singlepole triple-throw (SP3T) switch in a single package with 3x3mm footprint. LX5543 provides capability of sharing a single antenna between WLAN and Bluetooth systems through the SP3T switch. 2.4-2.5GHz 802.11b/g/n FrontEnd Solution in a Single MLP
Package

KEY FEATURES
◾ SP3T for Sharing Antenna between WLAN and Bluetooth systems
◾ All RF I/O Matched to 50 
◾ Single-Supply Voltage 3.0V to 4.2V
◾ Small Footprint: 3x3mm2
◾ Low Profile: 0.55mm
◾ RoHS Compliant & Pb-Free

TX Features :
◾ Power Gain ~ 25dB*
◾ Pout ~ +17dBm* for 3% EVM at Antenna
◾ Current ~145mA at +17dBm*
◾ Pout ~ +21dBm* for 11b 1Mbps DSSS Mask Compliance
◾ Quiescent Current ~ 82mA

RX Features :
◾ Insertion Loss ~ 0.6 dB
◾ IP1dB ~ +25 dBm

Bluetooth Path :
◾ Insertion Loss ~ 0.9 dB
◾ IP1dB ~ +29 dBm
* Including SP3T switch loss

APPLICATIONS
◾ IEEE 802.11b/g/n
◾ Mobile Phone WLAN module




Similar Part No. - LX5543

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5540 MICROSEMI-LX5540 Datasheet
76Kb / 2P
Co-Package 2.3 - 2.5 GHz HBT Power Amplifier & pHEMT Low Noise Amplifier
LX5541 MICROSEMI-LX5541 Datasheet
274Kb / 3P
Co-Package 2.3 - 2.5 GHz HBT Power Amp pHEMT Low Noise Amplifier SPDT Switch
LX5541LL MICROSEMI-LX5541LL Datasheet
274Kb / 3P
Co-Package 2.3 - 2.5 GHz HBT Power Amp pHEMT Low Noise Amplifier SPDT Switch
More results


Similar Description - LX5543

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5551 MICROSEMI-LX5551 Datasheet
262Kb / 3P
2.4-2.5 GHz Front-End Module with Internally Matched Power Amplifier & SPDT for 11b/g/n
LX5552 MICROSEMI-LX5552 Datasheet
98Kb / 3P
2.4-2.5 GHz Front-End Module with Internally Matched Power Amplifier, LNA & SPDT Switch
LX5553 MICROSEMI-LX5553 Datasheet
93Kb / 3P
2.4-2.5 GHz Front-End Module with Internally Matched Power Amplifier, LNA & SP3T Switch
logo
Skyworks Solutions Inc.
SKY85203-11 SKYWORKS-SKY85203-11 Datasheet
798Kb / 10P
2.4 GHz, 802.11ac Switch-Low-Noise Amplifier Front-End
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
2.4 GHz, 802.11ac Front-End Module
SKYA21040 SKYWORKS-SKYA21040 Datasheet
154Kb / 2P
2.4 GHz, 802.11ac Switch/Low-Noise Amplifier Front End
SKY13586-678LF SKYWORKS-SKY13586-678LF Datasheet
426Kb / 8P
2.4 to 2.5 GHz SP3T Switch
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
2.4 GHz, 802.11ac Front-End Module
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
logo
Skyworks Solutions Inc.
SE2600S SKYWORKS-SE2600S Datasheet
647Kb / 10P
2.4 GHz WLAN Switch/Low-Noise Amplifier Front-End
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com