Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9013 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

S9013 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # S9013
Download  S9013 Download
File Size   349.4 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description General Purpose Transistor

S9013 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9013 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # S9013
Download  S9013 Click to download

File Size   349.4 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description General Purpose Transistor

S9013 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


S9013 Product details

FEATURES
   Power dissipation
      PCM : 0.3 W
   Collector Current
      ICM : 0.5 A
   Collector-base voltage
      V(BR)CBO : 40 V
   Operating & storage junction temperature
      Tj, Tstg : - 55°C ~ + 150°C




Similar Part No. - S9013

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9013 FAIRCHILD-S9013 Datasheet
40Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
logo
AUK corp
S9013 AUK-S9013 Datasheet
87Kb / 3P
NPN Silicon Transistor
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Galaxy Semi-Conductor H...
S9013 BILIN-S9013 Datasheet
230Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S9013 DAYA-S9013 Datasheet
124Kb / 2P
TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - S9013

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com