Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9014 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

S9014 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # S9014
Download  S9014 Download
File Size   259.39 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Low Level & Low Noise

S9014 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9014 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # S9014
Download  S9014 Click to download

File Size   259.39 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Low Level & Low Noise

S9014 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


S9014 Product details

FEATURES
  Power dissipation
     PCM : 0.2 W
  Collector Current
     ICM : 0.1 A
  Collector-base voltage
     V(BR)CBO : 50 V
  Operating & storage junction temperature
     Tj, Tstg : - 55°C ~ + 150°C




Similar Part No. - S9014

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S9014 FAIRCHILD-S9014 Datasheet
38Kb / 4P
Pre-Amplifier, Low Level & Low Noise
logo
AUK corp
S9014 AUK-S9014 Datasheet
92Kb / 3P
NPN Silicon Transistor
logo
List of Unclassifed Man...
S9014 ETC-S9014 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Weitron Technology
S9014 WEITRON-S9014 Datasheet
788Kb / 4P
NPN General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9014 BILIN-S9014 Datasheet
183Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results


Similar Description - S9014

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N930 STMICROELECTRONICS-2N930 Datasheet
40Kb / 2P
LOW-LEVEL, LOW-NOISE AMPLFIERS
logo
Fairchild Semiconductor
FTSO4248 FAIRCHILD-FTSO4248 Datasheet
428Kb / 12P
PNP Low Level Low Noise Amplifiers
SS9014 FAIRCHILD-SS9014 Datasheet
38Kb / 4P
Pre-Amplifier, Low Level & Low Noise
logo
List of Unclassifed Man...
2SC9014 ETC-2SC9014 Datasheet
75Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
Unisonic Technologies
9014 UTC-9014_2 Datasheet
107Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9014 UTC-MMBT9014_11 Datasheet
130Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015_1106 UTC-9015_1106 Datasheet
74Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014 SECOS-S9014_15 Datasheet
259Kb / 2P
Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
MMBT9015 UTC-MMBT9015_15 Datasheet
116Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
ARTSCHIP ELECTRONICS CO...
MMBT9014 ARTSCHIP-MMBT9014 Datasheet
965Kb / 4P
PRE-AMPLIFIER, LOW LEVEL, LOW NOISE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com