Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9014T Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

S9014T Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # S9014T
Download  S9014T Download
File Size   136.05 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Pre-Amplifier, Low Level & Low Noise

S9014T Datasheet (PDF)

Go To PDF Page Download Datasheet
S9014T Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # S9014T
Download  S9014T Click to download

File Size   136.05 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Pre-Amplifier, Low Level & Low Noise

S9014T Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


S9014T Product details

FEATURES
   Power dissipation
      CM : 0.4 W
   Collector current
      ICM : 0.1 A
   Collector-base voltage
      V(BR)CBO : 50 V
   Operating & storage junction temperature
      Tj, Tstg : - 55°C ~ + 150°C




Similar Part No. - S9014T

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
S9014T SKTECHNOLGY-S9014T Datasheet
967Kb / 3P
SOT-523 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9014T SECOS-S9014T_15 Datasheet
136Kb / 2P
S9014T_15
More results


Similar Description - S9014T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9014 FAIRCHILD-SS9014 Datasheet
38Kb / 4P
Pre-Amplifier, Low Level & Low Noise
logo
List of Unclassifed Man...
2SC9014 ETC-2SC9014 Datasheet
75Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
Unisonic Technologies
9014 UTC-9014_2 Datasheet
107Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015 UTC-9015 Datasheet
78Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9014 UTC-MMBT9014_11 Datasheet
130Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9015 UTC-MMBT9015_11 Datasheet
100Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015_1106 UTC-9015_1106 Datasheet
74Kb / 2P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014 SECOS-S9014_15 Datasheet
259Kb / 2P
Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
MMBT9015 UTC-MMBT9015_15 Datasheet
116Kb / 3P
PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
ARTSCHIP ELECTRONICS CO...
MMBT9014 ARTSCHIP-MMBT9014 Datasheet
965Kb / 4P
PRE-AMPLIFIER, LOW LEVEL, LOW NOISE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com