Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9015 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

S9015 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # S9015
Download  S9015 Download
File Size   234.45 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Low Frequency, Low Noise Amplifier

S9015 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9015 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # S9015
Download  S9015 Click to download

File Size   234.45 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Low Frequency, Low Noise Amplifier

S9015 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


S9015 Product details

FEATURES
   Power dissipation
     PCM : 0.2 W
   Collector Current
     ICM : -0.1 A
   Collector-base voltage
     V(BR)CBO : -50 V
   Operating & storage junction temperature
     Tj, Tstg : - 55℃ ~ + 150℃




Similar Part No. - S9015

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S9015 SAMSUNG-S9015 Datasheet
229Kb / 6P
PNP (LOW FREQUENCY, LOW NOISE AMPLIFIER)
logo
Fairchild Semiconductor
S9015 FAIRCHILD-S9015 Datasheet
65Kb / 4P
Low Frequency, Low Noise Amplifier
logo
AUK corp
S9015 AUK-S9015 Datasheet
97Kb / 3P
PNP Silicon Transistor
logo
Weitron Technology
S9015 WEITRON-S9015 Datasheet
877Kb / 4P
PNP General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9015 BILIN-S9015 Datasheet
187Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results


Similar Description - S9015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9015 FAIRCHILD-SS9015 Datasheet
65Kb / 4P
Low Frequency, Low Noise Amplifier
logo
Usha India Ltd.
2SC900 USHA-2SC900 Datasheet
112Kb / 3P
LOW FREQUENCY, LOW NOISE AMPLIFIER
logo
List of Unclassifed Man...
2SC1222 ETC-2SC1222 Datasheet
106Kb / 3P
Transistors LOW FREQUENCY LOW NOISE AMPLIFIER
2SA9015 ETC-2SA9015 Datasheet
86Kb / 2P
LOW FREQUENCY LOW NOISE AMPLIFIER
2SC1335 ETC-2SC1335 Datasheet
78Kb / 2P
LOW FREQUENCY LOW NOISE AMPLIFIER
logo
Fairchild Semiconductor
KSC900 FAIRCHILD-KSC900 Datasheet
42Kb / 4P
Low Frequency & Low Noise Amplifier
KSC900LTA FAIRCHILD-KSC900LTA Datasheet
45Kb / 4P
Low Frequency & Low Noise Amplifier
SS9015CTA FAIRCHILD-SS9015CTA Datasheet
72Kb / 4P
Low Frequency, Low Noise Amplifier
SS9015CBU FAIRCHILD-SS9015CBU Datasheet
72Kb / 4P
Low Frequency, Low Noise Amplifier
logo
SeCoS Halbleitertechnol...
S9015 SECOS-S9015_15 Datasheet
234Kb / 2P
Low Frequency, Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com