Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1.5KE18A Datasheet (PDF) - Microsemi Corporation

M1.5KE18A Datasheet PDF - Microsemi Corporation
Part # M1.5KE18A
Download  M1.5KE18A Download
File Size   386.56 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Unidirectional and Bidirectional Transient Voltage Suppressor

M1.5KE18A Datasheet (PDF)

Go To PDF Page Download Datasheet
M1.5KE18A Datasheet PDF - Microsemi Corporation

Part # M1.5KE18A
Download  M1.5KE18A Click to download

File Size   386.56 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Unidirectional and Bidirectional Transient Voltage Suppressor

M1.5KE18A Datasheet (HTML) - Microsemi Corporation


M1.5KE18A Product details

DESCRIPTION
The popular Transient Voltage Suppressor series of M1.5KE6.8 – M1.5KE400CA with its various upscreening options offer an extended voltage range and provides a wide variety of commercial, high reliability, RoHS and bidirectional options. All have the same high peak pulse power rating of 1500 W and extremely fast response time. They can protect from secondary effects of lightning per IEC61000-4-5 and the class levels as shown below as well as voltage transients from inductive switching and RFI. Since their response time is virtually instantaneous, they also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.

FEATURES
• High reliability devices with fabrication and assembly lot traceability
• Economical plastic encapsulated TVS series for thru-hole mounting
• 3σ lot norm screening performed on standby current (ID)
• 100% surge tested devices suppress transients up to 1500 watts @ 10/1000 µs (see figure 1)
• Enhanced reliability screening available in reference to MIL-PRF-19500. Refer to Hirel NonHermetic Product Portfolio for more details on the screening options. (See part nomenclature for all options.)
• Enhanced reliability source controlled devices have wafer fabrication and assembly lot traceability
• Moisture classification is “Level 1” with no dry pack required per IPC/JEDEC J-STD-020B
• RoHS compliant versions available

APPLICATIONS / BENEFITS
• High-reliability devices
• Protection from switching and RFI induced transients
• Compliant to IEC 61000-4-2 and IEC 61000-4-4 for ESD and EFT protection respectively
• Secondary lightning protection per IEC61000-4-5 with 42 ohms source impedance:
    Class 1: M1.5KE6.8A to M1.5KE200CA
    Class 2: M1.5KE6.8A to M.5KE180CA
    Class 3: M1.5KE6.8A to M1.5KE91CA
    Class 4: M1.5KE6.8A to M1.5KE43CA
• Secondary lightning protection per IEC61000-4-5 with 12 ohms source impedance:
    Class 1: M1.5KE6.8A to M1.5KE110CA
    Class 2: M1.5KE6.8A to M1.5KE56CA
    Class 3: M1.5KE6.8A to M1.5KE27CA
    Class 4: M1.5KE6.8A to M1.5KE13CA
• Secondary lightning protection per IEC61000-4-5 with 2 ohms source impedance:
    Class 2: M1.5KE6.8A to M1.5KE24CA
    Class 3: M1.5KE6.8A to M1.5KE12CA




Similar Part No. - M1.5KE18A

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
M1.1-Q17L TURCK-M1.1-Q17L Datasheet
102Kb / 1P
For Linear Position Sensors LI-Q17L M1.1-Q17L
More results


Similar Description - M1.5KE18A

ManufacturerPart #DatasheetDescription
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
Unidirectional and Bidirectional Transient Voltage Suppressor diodes
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
Unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com