Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USTI Datasheet (PDF) - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

USTI Datasheet PDF - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.
Part # USTI
Download  USTI Download
File Size   283.63 Kbytes
Page   3 Pages
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.
Description Universal Sensors and Transducers Interface

USTI Datasheet (PDF)

Go To PDF Page Download Datasheet
USTI Datasheet PDF - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # USTI
Download  USTI Click to download

File Size   283.63 Kbytes
Page   3 Pages
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.
Description Universal Sensors and Transducers Interface

USTI Datasheet (HTML) - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.


USTI Product details

GENERAL DESCRIPTION
The Universal Sensors and Transducers Interface (USTI) is a fully digital CMOS integrated circuit of universal, 2-channel, high precision, multifunctional converter based on novel, advanced methods for frequency, period, its ratio, duty-cycle and phase-shift measurements. It is perfectly suited to any applications where frequency-time parameters but also sensors output signal, have to be measured with highest FUNCTIONAL BLOCK DIAGRAM resolution and programmable accuracy during the nonredundant conversion time.

FEATURES
 • 29 measuring modes and one generator mode
 • 2 identical channels
 • Provides frequency (time)-to-digital conversion for many types of sensors and transducers
 • Provides interfacing for resistive (including platinum (Pt), cuprum (Cu) resistors and thermistors (Ni)), capacitive sensing elements and resistive bridges
 • Frequency range from 0.05 Hz up to 9 MHz without prescaling and 144 MHz with prescaling;
 • Programmable accuracy (relative error) for frequency (period) conversion from 1 % to 0.0005%
 • Relative quantization error is constant in all specified frequency range
 • Non-redundant conversion time
 • Scalable resolution
 • Internal reference clock 625 kHz, 20 MHz @ 20 MHz quartz oscillator
 • Quartz-accurate automated calibration
 • 3-wire serial interface (SPI compatible)
 • 2-wire interface (I2C compatible)
 • RS-232/485 serial interface
 • Master and slave communication modes
 • Frequency generator mode 10 MHz with quartz crystal stability

APPLICATIONS
    Physical and Chemical Sensor Systems
    Digital Sensors, SoC, SiP, BioMEMS, Lab-on-Chip
    Smart and Intelligent Sensors and Systems
    Industrial and Process Control
    Data Acquisition Systems
    Instrumentations
    Customer Electronics
    Automotive




Similar Part No. - USTI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USTIEXT ETC2-USTIEXT Datasheet
182Kb / 3P
Universal Sensors and Transducer Interface with Extended Temperature Range
More results


Similar Description - USTI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA1029 ETC-SAA1029 Datasheet
160Kb / 3P
UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
logo
Comset Semiconductor
SAA1029 COMSET-SAA1029 Datasheet
281Kb / 3P
UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
logo
EPCOS
B58611K1100A001 EPCOS-B58611K1100A001 Datasheet
138Kb / 7P
Pressure sensors Gauge pressure transducers
AT2 EPCOS-AT2 Datasheet
127Kb / 7P
Pressure sensors Absolute pressure transducers
logo
Honeywell Accelerometer...
MLH250BSD17D HONEYWELL-ACC-MLH250BSD17D Datasheet
122Kb / 4P
Heavy Duty Pressure Sensors/ Transducers Line Guide
MLH025BSD14E HONEYWELL-ACC-MLH025BSD14E Datasheet
122Kb / 4P
Heavy Duty Pressure Sensors/Transducers Line Guide
logo
List of Unclassifed Man...
USTIEXT ETC2-USTIEXT Datasheet
182Kb / 3P
Universal Sensors and Transducer Interface with Extended Temperature Range
logo
CML Microcircuits
PE0003 CMLMICRO-PE0003 Datasheet
584Kb / 2P
Universal Interface Card
logo
PHOENIX CONTACT
2902049 PHOENIX-2902049 Datasheet
445Kb / 16P
Temperature transducers for resistance thermometers and remote resistance-type sensors
logo
Advantech Co., Ltd.
BB-JC10F50-V ADVANTECH-BB-JC10F50-V Datasheet
816Kb / 2P
Split-core Current Transducers/Sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com