Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS401F Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCS401F Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCS401F
Download  SCS401F Download
File Size   139.12 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Plastic-Encapsulate Schottky Diode

SCS401F Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS401F Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCS401F
Download  SCS401F Click to download

File Size   139.12 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Plastic-Encapsulate Schottky Diode

SCS401F Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SCS401F Product details

FEATURES
 • Low Forward Voltage : VF=0.38V(Typ.)
 • Low Reverse Current : IR=50µA(Max.)
 • Small total Capacitance CT=46pF(Typ.)




Similar Part No. - SCS401F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS401F SECOS-SCS401F_15 Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
More results


Similar Description - SCS401F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMPSH-3 RECTRON-CMPSH-3 Datasheet
295Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
CMPSH-3A RECTRON-CMPSH-3A Datasheet
296Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
CMPSH-3C RECTRON-CMPSH-3C Datasheet
296Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
CMPSH-3S RECTRON-CMPSH-3S Datasheet
296Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
logo
SeCoS Halbleitertechnol...
SCS480N SECOS-SCS480N Datasheet
102Kb / 2P
Small Signal Schottky Plastic-Encapsulate Diode
SD106WS SECOS-SD106WS Datasheet
122Kb / 2P
Plastic-Encapsulate Fast Schottky Diode
SCS401F SECOS-SCS401F_15 Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
SD106WS SECOS-SD106WS_15 Datasheet
122Kb / 2P
Plastic-Encapsulate Fast Schottky Diode
logo
Rectron Semiconductor
B581XWS RECTRON-B581XWS Datasheet
270Kb / 5P
Plastic-Encapsulate Schottky Barrier Diode
B5817WS RECTRON-B5817WS Datasheet
364Kb / 5P
Plastic-Encapsulate Schottky Barrier Diode
2021-09/11 REV:A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com