Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGE2685-1G Datasheet (PDF) - Microsemi Corporation

SGE2685-1G Datasheet PDF - Microsemi Corporation
Part # SGE2685-1G
Download  SGE2685-1G Download
File Size   167.95 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 7W LMT3210 62.5:1 Transformer

SGE2685-1G Datasheet (PDF)

Go To PDF Page Download Datasheet
SGE2685-1G Datasheet PDF - Microsemi Corporation

Part # SGE2685-1G
Download  SGE2685-1G Click to download

File Size   167.95 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 7W LMT3210 62.5:1 Transformer

SGE2685-1G Datasheet (HTML) - Microsemi Corporation




Similar Part No. - SGE2685-1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SGE2681-1G MICROSEMI-SGE2681-1G Datasheet
174Kb / 2P
4W LMT2110 36.4:1 Transformer
SGE2681-1GTR MICROSEMI-SGE2681-1GTR Datasheet
174Kb / 2P
4W LMT2110 36.4:1 Transformer
SGE2682-1G MICROSEMI-SGE2682-1G Datasheet
342Kb / 2P
4W LMT2110 32.0:1 Transformer
SGE2682-1GTR MICROSEMI-SGE2682-1GTR Datasheet
342Kb / 2P
4W LMT2110 32.0:1 Transformer
SGE2684-1G MICROSEMI-SGE2684-1G Datasheet
193Kb / 2P
6W LMT3811 60.7:1 Transformer
More results


Similar Description - SGE2685-1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
XFMRS Inc.
XF1556B-EP10S XFMRS-XF1556B-EP10S Datasheet
42Kb / 1P
3.3V 7W POE TRANSFORMER
XF1556C-EP10S XFMRS-XF1556C-EP10S Datasheet
44Kb / 1P
5.0V 7W POE TRANSFORMER
XF1556D-EP10S XFMRS-XF1556D-EP10S Datasheet
44Kb / 1P
3.3V 7W POE TRANSFORMER
logo
M/A-COM Technology Solu...
DS-MABA-009572-CF18A0 MA-COM-DS-MABA-009572-CF18A0 Datasheet
158Kb / 3P
Transformer, 1:1 Flux Coupled Transformer
logo
XFMRS Inc.
XF1556B-EP10S XFMRS-XF1556B-EP10S Datasheet
42Kb / 1P
3.3V 7W POE TRANSFORMER
XF1556C-EP10S XFMRS-XF1556C-EP10S Datasheet
44Kb / 1P
5.0V 7W POE TRANSFORMER
XF1556D-EP10S XFMRS-XF1556D-EP10S Datasheet
44Kb / 1P
3.3V 7W POE TRANSFORMER
logo
M/A-COM Technology Solu...
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com