Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEF112B Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SEF112B Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SEF112B
Download  SEF112B Download
File Size   233.16 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 A High Voltage Ultrafast Rectif

SEF112B Datasheet (PDF)

Go To PDF Page Download Datasheet
SEF112B Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SEF112B
Download  SEF112B Click to download

File Size   233.16 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 A High Voltage Ultrafast Rectif

SEF112B Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SEF112B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF112B SECOS-SEF112B_15 Datasheet
233Kb / 2P
1.0 A High Voltage Ultrafast Rectifier
More results


Similar Description - SEF112B

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
1.0 A Positive Voltage Regulators
logo
ON Semiconductor
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Kersemi Electronic Co.,...
MUR1630 KERSEMI-MUR1630 Datasheet
442Kb / 5P
ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
ON Semiconductor
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
logo
SeCoS Halbleitertechnol...
SEF112B SECOS-SEF112B_15 Datasheet
233Kb / 2P
1.0 A High Voltage Ultrafast Rectifier
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
NTSA4100 ONSEMI-NTSA4100 Datasheet
63Kb / 5P
Schottky Rectif
October, 2015 ??Rev. 2
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com