Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1200B Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM1200B Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM1200B
Download  SM1200B Download
File Size   102.02 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 A Schottky Barrier Rectifiers

SM1200B Datasheet (PDF)

Go To PDF Page Download Datasheet
SM1200B Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM1200B
Download  SM1200B Click to download

File Size   102.02 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 A Schottky Barrier Rectifiers

SM1200B Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SM1200B Product details

VOLTAGE 200 V 1.0 A Schottky Barrier Rectifiers



FEATURES

 Ideal for surface mount applications

 Easy pick and place

 Built-in strain relief

 Low forward voltage drop




Similar Part No. - SM1200B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1200B SECOS-SM1200B_15 Datasheet
102Kb / 2P
1.0 A Schottky Barrier Rectifiers
More results


Similar Description - SM1200B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
1.0 Ampere Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS160V SECOS-SCS160V Datasheet
185Kb / 2P
1.0 A, 60 V Schottky Barrier Rectifiers
SM1200A SECOS-SM1200A Datasheet
52Kb / 2P
1.0 A Schottky Barrier Rectifiers
SM120FL SECOS-SM120FL Datasheet
283Kb / 3P
1.0 A Schottky Barrier Rectifiers
SM1150B SECOS-SM1150B Datasheet
351Kb / 2P
1.0 A Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L Datasheet
107Kb / 2P
1.0 A Surface Mount Schottky Barrier Rectifiers
SM1150B SECOS-SM1150B_15 Datasheet
351Kb / 2P
1.0 A Schottky Barrier Rectifiers
SM1200A SECOS-SM1200A_15 Datasheet
57Kb / 2P
1.0 A Schottky Barrier Rectifiers
SM1200B SECOS-SM1200B_15 Datasheet
102Kb / 2P
1.0 A Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L_15 Datasheet
107Kb / 2P
1.0 A Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com