Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN054SMD Datasheet (PDF) - Seme LAB

IRFN054SMD Datasheet PDF - Seme LAB
Part # IRFN054SMD
Download  IRFN054SMD Download
File Size   23.58 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description N-CHANNEL POWER MOSFET

IRFN054SMD Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFN054SMD Datasheet PDF - Seme LAB

Part # IRFN054SMD
Download  IRFN054SMD Click to download

File Size   23.58 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description N-CHANNEL POWER MOSFET

IRFN054SMD Datasheet (HTML) - Seme LAB


IRFN054SMD Product details

VDSS 60V
ID(cont) 45A
RDS(on) 0.027Ω

FEATURES
• HERMETICALLY SEALED SURFACE MOUNT PACKAGE
• SMALL FOOTPRINT – EFFICIENT USE OF PCB SPACE.
• SIMPLE DRIVE REQUIREMENTS
• LIGHTWEIGHT
• HIGH PACKING DENSITIES




Similar Part No. - IRFN054SMD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN054 IRF-IRFN054 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.020ohm, Id=55A*)
IRFN054 IRF-IRFN054 Datasheet
219Kb / 7P
Simple Drive Requirements
IRFN054 IRF-IRFN054_15 Datasheet
219Kb / 7P
Simple Drive Requirements
More results


Similar Description - IRFN054SMD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com