Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8050W Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SS8050W Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SS8050W
Download  SS8050W Download
File Size   275.58 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Silicon General Purpose Transistor

SS8050W Datasheet (PDF)

Go To PDF Page Download Datasheet
SS8050W Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SS8050W
Download  SS8050W Click to download

File Size   275.58 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Silicon General Purpose Transistor

SS8050W Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SS8050W Product details

FEATURES
   Power dissipation
      PCM : 0.2 W
   Collector Current
      ICM : 1.5 A
   Collector-base voltage
      V(BR)CBO : 40 V
   Operating & storage junction temperature
      Tj, Tstg : - 55°C ~ + 150°C




Similar Part No. - SS8050W

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Diode Semiconductor Kor...
SS8050W DSK-SS8050W Datasheet
289Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
193Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
SHIKUES Electronics
SS8050W SKTECHNOLGY-SS8050W Datasheet
832Kb / 3P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W_14 Datasheet
193Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results


Similar Description - SS8050W

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com