Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8550W Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SS8550W Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SS8550W
Download  SS8550W Download
File Size   120.76 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Silicon General Purpose Transistor

SS8550W Datasheet (PDF)

Go To PDF Page Download Datasheet
SS8550W Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SS8550W
Download  SS8550W Click to download

File Size   120.76 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Silicon General Purpose Transistor

SS8550W Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SS8550W Product details

Power dissipation
  PCM : 0.2 W
Collector Current
  ICM : -1.5 A
Collector-base voltage
FEATURES
  V(BR)CBO : - 40 V
Operating & storage junction temperature
  Tj, Tstg : - 55℃ ~ + 150℃




Similar Part No. - SS8550W

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8550W BILIN-SS8550W Datasheet
162Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Diode Semiconductor Kor...
SS8550W DSK-SS8550W Datasheet
278Kb / 4P
Silicon Epitaxial Planar Transistor
logo
Galaxy Semi-Conductor H...
SS8550W BILIN-SS8550W Datasheet
182Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
SS8550W BILIN-SS8550W Datasheet
309Kb / 4P
Silicon Epitaxial Planar Transistor
SS8550W BILIN-SS8550W_14 Datasheet
182Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results


Similar Description - SS8550W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com