Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ11032 Datasheet (PDF) - Seme LAB

MJ11032 Datasheet PDF - Seme LAB
Part # MJ11032
Download  MJ11032 Download
File Size   59.19 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description COMPLEMENTARY DARLINGTON POWER TRANSISTOR

MJ11032 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ11032 Datasheet PDF - Seme LAB

Part # MJ11032
Download  MJ11032 Click to download

File Size   59.19 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description COMPLEMENTARY DARLINGTON POWER TRANSISTOR

MJ11032 Datasheet (HTML) - Seme LAB


MJ11032 Product details

FEATURES
• HIGH DC CURRENT GAIN
    HFE = 1000 Min @ IC = 25A
    HFE = 400 Min 0@ IC = 50A
• CURVES TO 100A (Pulsed)
• DIODE PROTECTION TO RATED IC
• MONOLITHIC CONSTRUCTION WITH BUILT-IN BASE – EMITTER SHUNT RESISTOR
• JUNCTION TEMPERATURE TO +200°C

APPLICATIONS
    For use as output devices in complementary general purpose amplifier applications.




Similar Part No. - MJ11032

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11032 MOSPEC-MJ11032 Datasheet
154Kb / 3P
POWER TRANSISTOR(50A,60-120V,300W)
logo
Motorola, Inc
MJ11032 MOTOROLA-MJ11032 Datasheet
153Kb / 4P
50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJ11032 ONSEMI-MJ11032 Datasheet
153Kb / 4P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
1995
logo
Wing Shing Computer Com...
MJ11032 WINGS-MJ11032 Datasheet
24Kb / 1P
NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
ON Semiconductor
MJ11032 ONSEMI-MJ11032 Datasheet
68Kb / 4P
High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
More results


Similar Description - MJ11032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ2501 ONSEMI-MJ2501 Datasheet
98Kb / 4P
DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
logo
Central Semiconductor C...
CJD112 CENTRAL-CJD112 Datasheet
481Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
Seme LAB
2N6295 SEME-LAB-2N6295 Datasheet
15Kb / 2P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CJD122-NPN CENTRAL-CJD122-NPN Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
ON Semiconductor
MJD122 ONSEMI-MJD122_05 Datasheet
87Kb / 7P
Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
MJD128 ONSEMI-MJD128 Datasheet
75Kb / 6P
Complementary Darlington Power Transistor
March, 2007 ??Rev. 1
MJD122 ONSEMI-MJD122_11 Datasheet
136Kb / 7P
Complementary Darlington Power Transistor
March, 2011 ??Rev. 10
MJD128T4G ONSEMI-MJD128T4G_12 Datasheet
185Kb / 6P
Complementary Darlington Power Transistor
February, 2012 ??Rev. 5
MJD122 ONSEMI-MJD122_16 Datasheet
106Kb / 8P
Complementary Darlington Power Transistor
September, 2016 ??Rev. 15
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com