Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUF14FL Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SUF14FL Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SUF14FL
Download  SUF14FL Download
File Size   346.44 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 A Glass Passivated Surface Mount Rectifiers

SUF14FL Datasheet (PDF)

Go To PDF Page Download Datasheet
SUF14FL Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SUF14FL
Download  SUF14FL Click to download

File Size   346.44 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 A Glass Passivated Surface Mount Rectifiers

SUF14FL Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SUF14FL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SUF140L BWTECH-SUF140L Datasheet
395Kb / 4P
Surface Mount ESD Capability Rectifiers 1.0 Amp 400V
logo
SeCoS Halbleitertechnol...
SUF14M SECOS-SUF14M Datasheet
152Kb / 2P
1.0 Amp Surface Mount Super Fast Rectifiers
SUF14MH SECOS-SUF14MH Datasheet
152Kb / 2P
1.0 Amp Surface Mount Super Fast Rectifiers
More results


Similar Description - SUF14FL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL4001G ETC-LL4001G Datasheet
52Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G Datasheet
67Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
LL4001G TSC-LL4001G Datasheet
78Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
EGF1A TSC-EGF1A Datasheet
55Kb / 2P
1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
logo
SeCoS Halbleitertechnol...
FR101G SECOS-FR101G Datasheet
174Kb / 2P
1.0 A, Glass Passivated Fast Rectifiers
SM0520FL SECOS-SM0520FL Datasheet
272Kb / 3P
0.5 A Glass Passivated Surface Mount Rectifiers
SM4001FL SECOS-SM4001FL Datasheet
294Kb / 2P
1.0 A Glass Passivated Surface Mount Rectifiers
logo
WILLAS ELECTRONIC CORP
MD1F WILLAS-MD1F Datasheet
450Kb / 2P
1.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com