Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1005M Datasheet (PDF) - Superworld Electronics

SSL1005M Datasheet PDF - Superworld Electronics
Part # SSL1005M
Download  SSL1005M Download
File Size   278.51 Kbytes
Page   7 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description HIGH CURRENT POWER INDUCTORS

SSL1005M Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL1005M Datasheet PDF - Superworld Electronics

Part # SSL1005M
Download  SSL1005M Click to download

File Size   278.51 Kbytes
Page   7 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description HIGH CURRENT POWER INDUCTORS

SSL1005M Datasheet (HTML) - Superworld Electronics


SSL1005M Product details

HIGH CURRENT POWER INDUCTORS



GENERAL SPECIFICATION :

a) Operating temp. : -40° C to +125° C

b) Irms (A) : Will cause coil temp. to rise approximately ǻT=40°C without core loss.

c) Isat (A) : Will cause L to drop approximately 20%

d) Part temperature (ambient + temp. rise) : Should not exceed 125° C under worst case operating conditions.




Similar Part No. - SSL1005M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL1005 SUPERWORLD-SSL1005 Datasheet
287Kb / 5P
HIGH CURRENT POWER INDUCTORS
SSL1005-R10MF SUPERWORLD-SSL1005-R10MF Datasheet
287Kb / 5P
HIGH CURRENT POWER INDUCTORS
SSL1005-R15MF SUPERWORLD-SSL1005-R15MF Datasheet
287Kb / 5P
HIGH CURRENT POWER INDUCTORS
SSL1005-R20MF SUPERWORLD-SSL1005-R20MF Datasheet
287Kb / 5P
HIGH CURRENT POWER INDUCTORS
More results


Similar Description - SSL1005M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
SDL11T08P-R25MF SUPERWORLD-SDL11T08P-R25MF Datasheet
779Kb / 1P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com