Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

420LE28 Datasheet (PDF) - Protek Devices

420LE28 Datasheet PDF - Protek Devices
Part # 420LE28
Download  420LE28 Download
File Size   445.46 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR

420LE28 Datasheet (PDF)

Go To PDF Page Download Datasheet
420LE28 Datasheet PDF - Protek Devices

Part # 420LE28
Download  420LE28 Click to download

File Size   445.46 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR

420LE28 Datasheet (HTML) - Protek Devices


420LE28 Product details

DESCRIPTION

The 420LE/B series is a two stage transient voltage protector providing primary and secondary protecton against lightning, inductve switching and electrostatc discharge (ESD) transient threats. The frst stage diverts the transient current through the ground terminal return path and the second stage clamps the voltage to a safe level without interrupton of service.

The 420LE/B series is designed to protect data lines from differental (line to line) and common mode (line to ground) transients. Terminals 1 and 2, 3 and 4 for the 420LE and pins 2 and 3, 4, and 5 for the 420LB are designated as line pairs. Each line pair is referenced to ground. A transient voltage suppressor is connected across each line pair for differental mode protecton. Each line pair is referenced to ground.

This product can also be used on telephone, signal/data lines, security, tming and control interface circuits. For most applicatons, the product should be located as close as possible to the equipment being protected. A low impedance grounding system is important to maintain a low voltage clamp between the line-to-ground connecton.



FEATURES

• Compatble with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV

• Compatble with IEC 61000-4-4 (EFT): 40A - 5/50ns

• Compatble with IEC 61000-4-5 (Surge): 95A, 8/20µs, Level 4 (Line Gnd) & 48A, Level 4 (Line-Line)

• Designed for 4-20mA Current Loops

• Automatc Reset - Does Not Interrupt Service

• Permanent Two-Stage Line Pair Protecton

• Common Mode & Differental Mode Protecton

• Subnanosecond Response Time

• Effectve Against Lightning, Inductve Switching and ESD



APPLICATIONS

• Mult-Process Control Loops

• Fire & Security Systems

• Petro-Chemical Plants

• Refneries & Tank Farms



 




Similar Part No. - 420LE28

ManufacturerPart #DatasheetDescription
logo
Protek Devices
420LE28 PROTEC-420LE28 Datasheet
128Kb / 3P
TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
420LE28 PROTEC-420LE28 Datasheet
447Kb / 5P
TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
More results


Similar Description - 420LE28

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
4-20mA CURRENT LOOP TRANSMITTERS
logo
Protek Devices
420LE28 PROTEC-420LE28 Datasheet
128Kb / 3P
TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
4-20mA Current-Loop Transmitter
logo
Protek Devices
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
DUAL 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_11 Datasheet
353Kb / 5P
dual 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_12 Datasheet
355Kb / 5P
DUAL 4-20mA CONTROL LOOP PROTECTOR
420LB28 PROTEC-420LB28_12 Datasheet
447Kb / 5P
TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
4-20mA CURRENT LOOP TRANSMITTERS
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
4-20mA Current Loop Isolator
logo
Protek Devices
420E212 PROTEC-420E212_13 Datasheet
299Kb / 4P
Dual 4-20mA CONTROL LOOP PROTECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com