Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAD1106 Datasheet (PDF) - Protek Devices

MMAD1106 Datasheet PDF - Protek Devices
Part # MMAD1106
Download  MMAD1106 Download
File Size   887.29 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra low capacitance multi-line steering diode array

MMAD1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMAD1106 Datasheet PDF - Protek Devices

Part # MMAD1106
Download  MMAD1106 Click to download

File Size   887.29 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra low capacitance multi-line steering diode array

MMAD1106 Datasheet (HTML) - Protek Devices


MMAD1106 Product details

Description
The MMAD Series are low distortion steering diodes. These devices are intended for use in high frequency analog or digital data I/O ports for protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). The MMAD Series is connected between rail-to-rail voltage bus or rail-to-ground for clamping and diverting overvoltage transients for the protection of sensitive network interface circuits.

Features
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(LineGnd) & Level 2(Line-Line)
• 500 Milliwatt Continuous Power Dissipation
• Monolithic Design
• ESD Protection > 25 kilovolts
• Protects up to 7 to 10 I/O Lines
• Working Voltage > 50 Volts
• Low Leakage Current < 0.1µA
• Ultra Low Capacitance: 5pF per Diode
• RoHS Compliant
• REACH Compliant

Applications
• High Frequency Data Lines
• RS-232 & RS-422 Interface Networks
• Ethernet 10/100 Base T
• Computer I/O Ports




Similar Part No. - MMAD1106

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMAD1106 MICROSEMI-MMAD1106 Datasheet
83Kb / 1P
Switching Diode Array
logo
Protek Devices
MMAD1106 PROTEC-MMAD1106 Datasheet
78Kb / 4P
STEERING DIODE ARRAY
logo
Microsemi Corporation
MMAD1106 MICROSEMI-MMAD1106 Datasheet
79Kb / 2P
Switching Diode Array Steering Diode TVS Array
logo
Protek Devices
MMAD1106 PROTEC-MMAD1106 Datasheet
889Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
logo
Microsemi Corporation
MMAD1106E3 MICROSEMI-MMAD1106E3 Datasheet
79Kb / 2P
Switching Diode Array Steering Diode TVS Array
More results


Similar Description - MMAD1106

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MAD PROTEC-MAD_10 Datasheet
850Kb / 5P
ultra low capacitance multi-line steering diode array
MMAD1108 PROTEC-MMAD1108_11 Datasheet
480Kb / 5P
ultra low capacitance multi-line steering diode array
PMAD1108 PROTEC-PMAD1108_10 Datasheet
501Kb / 4P
ultra low capacitance multi-line steering diode array
PMMAD1108 PROTEC-PMMAD1108_11 Datasheet
495Kb / 5P
ultra low capacitance multi-line steering diode array
MAD1108 PROTEC-MAD1108_12 Datasheet
506Kb / 4P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
MMAD PROTEC-MMAD_12 Datasheet
889Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
MMAD1108 PROTEC-MMAD1108_12 Datasheet
482Kb / 5P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD PROTEC-PMAD_12 Datasheet
870Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD1108-LF PROTEC-PMAD1108-LF Datasheet
375Kb / 4P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMMAD PROTEC-PMMAD_15 Datasheet
791Kb / 7P
ULTRA LOW CAPACITANCE MULTI - LINE STEERING DIODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com