Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB50815 Datasheet (PDF) - Protek Devices

USB50815 Datasheet PDF - Protek Devices
Part # USB50815
Download  USB50815 Download
File Size   526.74 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY

USB50815 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB50815 Datasheet PDF - Protek Devices

Part # USB50815
Download  USB50815 Click to download

File Size   526.74 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY

USB50815 Datasheet (HTML) - Protek Devices


USB50815 Product details

DESCRIPTION
The USB508xx and USB508xxC Series are multi-line ultra low capacitance transient voltage suppressor arrays that provide board level protection for computing and telecommunications applications against the damaging effects of ESD, tertiary lightning and switching transients.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectional and Bidirectional Configurations
• Available in Multiple Voltages Ranging from 3V to 24V
• Ultra Low Capacitance: 3pF
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Ethernet - 10/100/1000 Base T
• Computing Interfaces
• xDSL Interfaces
• Cellualr Phone Terminals




Similar Part No. - USB50815

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB50815 MICROSEMI-USB50815 Datasheet
92Kb / 2P
TVSarray Series
logo
Protek Devices
USB50815 PROTEC-USB50815 Datasheet
529Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
logo
Microsemi Corporation
USB50815C MICROSEMI-USB50815C Datasheet
91Kb / 2P
TVSarray Series
logo
Protek Devices
USB50815C PROTEC-USB50815C Datasheet
529Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
logo
Microsemi Corporation
USB50815C-A MICROSEMI-USB50815C-A Datasheet
113Kb / 2P
Bidirectional Low Capacitance TVSarray ?
More results


Similar Description - USB50815

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03_11 Datasheet
884Kb / 9P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_11 Datasheet
914Kb / 9P
500 WATT MULTI-LINE CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_12 Datasheet
889Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_12 Datasheet
798Kb / 10P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
PLCDA05C-6-LF PROTEC-PLCDA05C-6-LF Datasheet
917Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com