Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY14C256Q Datasheet (PDF) - Cypress Semiconductor

CY14C256Q Datasheet PDF - Cypress Semiconductor
Part # CY14C256Q
Download  CY14C256Q Download
File Size   1199.05 Kbytes
Page   33 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles

CY14C256Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CY14C256Q Datasheet PDF - Cypress Semiconductor

Part # CY14C256Q
Download  CY14C256Q Click to download

File Size   1199.05 Kbytes
Page   33 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles

CY14C256Q Datasheet (HTML) - Cypress Semiconductor


CY14C256Q Product details

Functional Overview
The Cypress CY14X256Q combines a 256-Kbit nvSRAM[1] with a nonvolatile element in each memory cell with serial SPI interface. The memory is organized as 32 K words of 8 bits each. The embedded nonvolatile elements incorporate the QuantumTrap technology, creating the world’s most reliable nonvolatile memory. The SRAM provides infinite read and write cycles, while the QuantumTrap cells provide highly reliable nonvolatile storage of data. Data transfers from SRAM to the nonvolatile elements (STORE operation) takes place automatically at power-down (except for CY14X256Q1A). On power-up, data is restored to the SRAM from the nonvolatile memory (RECALL operation). You can also initiate the STORE and RECALL operations through SPI instruction.

Features
■ 256-Kbit nonvolatile static random access memory (nvSRAM) internally organized as 32 K × 8
   ❐ STORE to QuantumTrap nonvolatile elements initiated automatically on power-down (AutoStore) or by using SPI instruction (Software STORE) or HSB pin (Hardware STORE)
   ❐ RECALL to SRAM initiated on power-up (Power-Up RECALL) or by SPI instruction (Software RECALL)
   ❐ Support automatic STORE on power-down with a small capacitor (except for CY14X256Q1A)
■ High reliability
   ❐ Infinite read, write, and RECALL cycles
   ❐ 1million STORE cycles to QuantumTrap
   ❐ Data retention: 20 years at 85 C
■ 40 MHz, and 104 MHz High speed serial peripheral interface (SPI)
   ❐ 40 MHz clock rate SPI write and read with zero cycle delay
   ❐ 104 MHz clock rate SPI write and SPI read (with special fast read instructions)
   ❐ Supports SPI mode 0 (0,0) and mode 3 (1,1)
■ SPI access to special functions
   ❐ Nonvolatile STORE/RECALL
   ❐ 8-byte serial number
   ❐ Manufacturer ID and Product ID
   ❐ Sleep mode
■ Write protection
   ❐ Hardware protection using Write Protect (WP) pin
   ❐ Software protection using Write Disable instruction
   ❐ Software block protection for 1/4, 1/2, or entire array
■ Low power consumption
   ❐ Average active current of 3 mA at 40 MHz operation
   ❐ Average standby mode current of 150 A
   ❐ Sleep mode current of 8 A
■ Industry standard configurations
   ❐ Operating voltages:
      • CY14C256Q: VCC = 2.4 V to 2.6 V
      • CY14B256Q: VCC = 2.7 V to 3.6 V
      • CY14E256Q: VCC = 4.5 V to 5.5 V
   ❐ Industrial temperature
   ❐ 8- and 16-pin small outline integrated circuit (SOIC) package
   ❐ Restriction of hazardous substances (RoHS) compliant




Similar Part No. - CY14C256Q

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
256-Kbit (32 K 횞 8) SPI nvSRAM
More results


Similar Description - CY14C256Q

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
STK15C88 CYPRESS-STK15C88_11 Datasheet
832Kb / 17P
256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
256-Kbit (32 K x 8) Serial (SPI) nvSRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com