Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIC3211 Datasheet (PDF) - KEC(Korea Electronics)

KIC3211 Datasheet PDF - KEC(Korea Electronics)
Part # KIC3211
Download  KIC3211 Download
File Size   356.48 Kbytes
Page   10 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description Analog CMOS Integrated Circuits

KIC3211 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIC3211 Datasheet PDF - KEC(Korea Electronics)

Part # KIC3211
Download  KIC3211 Click to download

File Size   356.48 Kbytes
Page   10 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description Analog CMOS Integrated Circuits

KIC3211 Datasheet (HTML) - KEC(Korea Electronics)


KIC3211 Product details

LOW Noise150mA CMOS High Performance LDO Regulator



The KIC3211Series Low Dropout Linear Regulator is ideally suited for portable applications. It offers 1% initial accuracy, extremely-low dropout voltage(220mV at 150mA, 3.0V Output Type) and low ground current (typically 75uA). Designed specifically for handheld and battery-powered devices, the KIC3211series provides a TTL-logic-compatible ON/OFF control pin. When disabled, power consumption drops nearly to zero.

The KIC3211Series also works with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications, critical in handheld wireless devices.

The Line transient response and load transient response of the KIC3211Series are very excellent, thus ICs are very suitable for the power supply for hand-held communication equipment.



Features

· Input voltage range------------1.7V to 6.0V

· High output accuracy------------1.0% accuracy

· Low dropout------------ 220mV@150mA 3.0V, Output type

· Stability with ceramic output capacitors

· High Ripple Rejection------------Typ. 70dB(f=1kHz3.0V Output type)

                                           Typ. 60dB(f=10kHz3.0V Output type)

· Low ground Current------------ Typ.75μA

· Quiescent Current------------ Typ. 0.1μA

· Excellent Line regulation------------ Typ. 0.02%/V

· Built-in Fold Back Protection Circuit------------Typ. 50mA@Short mode

· Stability with ceramic output capacitors------------Cin=Cout=1.0㎌

· TTL-Logic-compatible ON/OFF control input



Applications

· Cellular phones,Smart Phones, PDA

· Battery-powered equipment

· Laptop, notebook and palmtop computers

· Consumer/personal electronics



 




Similar Part No. - KIC3211

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
668Kb / 9P
Analog CMOS Integrated Circuits
KIC3211SN12A KEC-KIC3211SN12A Datasheet
668Kb / 9P
Analog CMOS Integrated Circuits
KIC3211SN13A KEC-KIC3211SN13A Datasheet
668Kb / 9P
Analog CMOS Integrated Circuits
KIC3211SN14A KEC-KIC3211SN14A Datasheet
668Kb / 9P
Analog CMOS Integrated Circuits
KIC3211SN15A KEC-KIC3211SN15A Datasheet
668Kb / 9P
Analog CMOS Integrated Circuits
More results


Similar Description - KIC3211

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
Analog CMOS Integrated Circuits
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
Analog CMOS Integrated Circuits
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com