Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB050N60P Datasheet (PDF) - KEC(Korea Electronics)

KMB050N60P Datasheet PDF - KEC(Korea Electronics)
Part # KMB050N60P
Download  KMB050N60P Download
File Size   15.39 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TO-220AB PACKAGE

KMB050N60P Datasheet (PDF)

Go To PDF Page Download Datasheet
KMB050N60P Datasheet PDF - KEC(Korea Electronics)

Part # KMB050N60P
Download  KMB050N60P Click to download

File Size   15.39 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TO-220AB PACKAGE

KMB050N60P Datasheet (HTML) - KEC(Korea Electronics)


KMB050N60P Product details

General Description

This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for active power factor

correction , electronic lamp ballasts based on half bridge topology and switching mode power supplies.





FEATURES

VDSS= 60V, ID= 50A

Drain-Source ON Resistance :

RDS(ON)=0.022 @VGS= 10V

Qg(typ.) = 32nC

Improved dv/dt capacity, high Ruggedness

Maximum Junction Temperature Range (175°C)




Similar Part No. - KMB050N60P

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
KMB050N60P THINKISEMI-KMB050N60P Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
logo
KEC(Korea Electronics)
KMB050N60PA KEC-KMB050N60PA Datasheet
422Kb / 1P
TO-220AB PACKAGE
More results


Similar Description - KMB050N60P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF80N08P KEC-KF80N08P Datasheet
29Kb / 1P
TO-220AB PACKAGE
KMB050N60PA KEC-KMB050N60PA Datasheet
422Kb / 1P
TO-220AB PACKAGE
KMB075N75P KEC-KMB075N75P Datasheet
15Kb / 1P
TO-220AB PACKAGE
KTC5027 KEC-KTC5027 Datasheet
12Kb / 1P
TO-220AB PACKAGE
MJE13005 KEC-MJE13005_06 Datasheet
12Kb / 1P
TO-220AB PACKAGE
MJE13007 KEC-MJE13007_06 Datasheet
12Kb / 1P
TO-220AB PACKAGE
logo
International Rectifier
IRG4BC10UDPBF IRF-IRG4BC10UDPBF_15 Datasheet
323Kb / 11P
INDUSTRY STANDARD TO-220AB PACKAGE
logo
Inchange Semiconductor ...
BTA08-600A ISC-BTA08-600A Datasheet
116Kb / 1P
With TO-220AB insulated package
BTA12-600BW ISC-BTA12-600BW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600CW ISC-BTA12-600CW Datasheet
107Kb / 1P
With TO-220AB insulated package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com