Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA7704 Datasheet (PDF) - Fuji Electric

FA7704 Datasheet PDF - Fuji Electric
Part # FA7704
Download  FA7704 Download
File Size   303.3 Kbytes
Page   21 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

FA7704 Datasheet (PDF)

Go To PDF Page Download Datasheet
FA7704 Datasheet PDF - Fuji Electric

Part # FA7704
Download  FA7704 Click to download

File Size   303.3 Kbytes
Page   21 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description FUJI Power Supply Control IC

FA7704 Datasheet (HTML) - Fuji Electric


FA7704 Product details

Description

FA7703/04 are the PWM type DC-DC converter control ICs with 2ch output that can directly drive power MOSFETs. FA7703/04 feature CMOS devices with high breakdown voltage and also low power consumption are achieved. By means of their small and thin package (1.1mm max.), and high frequency operation (to 1MHz), FA7703/04 are completely suitable for the use of very small DC-DC converters. Besides, you can select a Pch or Nch type of MOSFET directly driven by FA7703/04, and also you can practically design any kind of DC-DC converter circuit like a boost converter, a buck converter, a inverting converter, a fly-back converter, and so on.



2. Features

• Wide range of supply voltage

  FA7703 : VCC=2.5 to 30V FA7704 : VCC=2.5 to 20V

• Direct driving of MOSFET

• Switching Pch/Nch driving is available (channel 1 only)

• Low current consumption is achieved by CMOS process: 1.8mA (typ.) in operation

• 2ch PWM control IC

• High frequency operation is available: 50kHz to 1MHz

• Simple setting of operation frequency with a timing resistor

• Soft start setting is available

• Setting of the limitation of maximum output duty cycle is available in each channel

• Built-in protection function for undervoltage lockout

• Highly accurate reference voltage:

  VREF: 1.00V±1%, VB: 1.00V±2%, VREG: 2.20V±2%

• Built-in output timer latched short-circuit protection circuit

• Thin and small package: TSSOP-16, SOP-16



 




Similar Part No. - FA7704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
For Switching Power Supply Control
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
logo
List of Unclassifed Man...
FA7701V ETC-FA7701V Datasheet
182Kb / 13P
For Switching Power Supply Control
logo
Fuji Electric
FA7701V FUJI-FA7701V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
More results


Similar Description - FA7704

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
FUJI Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
Fuji Switching Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
FUJI Power Supply Control IC
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com