Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2121 Datasheet (PDF) - Maxim Integrated Products

MAX2121 Datasheet PDF - Maxim Integrated Products
Part # MAX2121
Download  MAX2121 Download
File Size   331.99 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range

MAX2121 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2121 Datasheet PDF - Maxim Integrated Products

Part # MAX2121
Download  MAX2121 Click to download

File Size   331.99 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range

MAX2121 Datasheet (HTML) - Maxim Integrated Products


MAX2121 Product details

General Description
The MAX2121 low-cost, direct-conversion tuner IC is designed for satellite set-top and VSAT applications. The device directly converts the satellite signals from the LNB to baseband using a broadband I/Q downconverter. The operating frequency range extends from 925MHz to 2175MHz.

Features
♦ 925MHz to 2175MHz Frequency Range
♦ Monolithic VCO
    Low Phase Noise: -97dBc/Hz at 10kHz
    No Calibration Required
♦ High Dynamic Range: -75dBm to 0dBm
♦ Integrated LP Filters: 123.75MHz
♦ Single +3.3V ±5% Supply
♦ Low-Power Standby Mode
♦ Address Pin for Multituner Applications
♦ Differential I/Q Interface
♦ I2C 2-Wire Serial Interface
♦ Very Small, 5mm x 5mm, 28-Pin TQFN Package

Applications
VSATs




Similar Part No. - MAX2121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
330Kb / 19P
Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2121 MAXIM-MAX2121 Datasheet
877Kb / 8P
All Critical Peripheral Components Included
Rev 1; 5/15
MAX2121B MAXIM-MAX2121B Datasheet
738Kb / 20P
L-Band Tuner with Programmable Baseband Filter
Rev 1; 9/16
MAX2121BEVKIT MAXIM-MAX2121BEVKIT Datasheet
578Kb / 8P
Fully Assembled and Tested
Rev 0; 6/15
MAX2121BEVKIT# MAXIM-MAX2121BEVKIT# Datasheet
578Kb / 8P
Fully Assembled and Tested
Rev 0; 6/15
More results


Similar Description - MAX2121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
Direct-Conversion Tuner IC
Rev 1; 6/05
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com