Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1644 Datasheet (PDF) - EPCOS

B1644 Datasheet PDF - EPCOS
Part # B1644
Download  B1644 Download
File Size   67.53 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF low loss filter

B1644 Datasheet (PDF)

Go To PDF Page Download Datasheet
B1644 Datasheet PDF - EPCOS

Part # B1644
Download  B1644 Click to download

File Size   67.53 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF low loss filter

B1644 Datasheet (HTML) - EPCOS


B1644 Product details

Features
■ Package size 3.0 x3.0 x 1.1 mm3
■ Maximum height of 1.225 mm
■ Package code DCC6D
■ RoHS compatible
■ Approximate weight 0.037 g
■ Package forSurfaceMountTechnology (SMT)
■ Ni, gold-plated terminals
■ AEC-Q200 qualified component family
■ Electrostatic SensitiveDevice (ESD)

Application
■ Low-loss RF filter for digital radio
■ Impedance transformation from 50Ω to 100Ω
■ Unbalanced to balanced operation
■ Very low insertion attenuation
■ Low amplitude ripple
■ Usable passband 12.5 MHz
■ no matching network required




Similar Part No. - B1644

ManufacturerPart #DatasheetDescription
logo
Rohm
B1644J ROHM-B1644J Datasheet
373Kb / 7P
PNP -4A -80V Power Transistor
2013.03 - Rev.A
More results


Similar Description - B1644

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1626 EPCOS-B1626 Datasheet
77Kb / 9P
SAW RF low loss filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
SAW RF low loss filter
B1636 EPCOS-B1636 Datasheet
63Kb / 7P
SAW RF low loss filter
B1634 EPCOS-B1634 Datasheet
63Kb / 7P
SAW RF low loss filter
logo
TDK Electronics
B39172B1667U510 TDK-B39172B1667U510 Datasheet
172Kb / 7P
SAW RF low loss filter
B39192B1638U510 TDK-B39192B1638U510 Datasheet
83Kb / 7P
SAW RF low loss filter
B39192B1660B510 TDK-B39192B1660B510 Datasheet
85Kb / 7P
SAW RF low loss filter
B39202B1650B510 TDK-B39202B1650B510 Datasheet
107Kb / 8P
SAW RF low loss filter
logo
RF Monolithics, Inc
SF2294E RFM-SF2294E Datasheet
112Kb / 4P
Low Loss RF SAW Filter
logo
Transko Electronics, In...
TA246AK TRANSKO-TA246AK Datasheet
270Kb / 3P
Low-Loss, RF SAW Filter
Revision 0: July 2004
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com