Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC814U Datasheet (PDF) - KEC(Korea Electronics)

KTC814U Datasheet PDF - KEC(Korea Electronics)
Part # KTC814U
Download  KTC814U Download
File Size   22.0 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description US6 PACKAGE

KTC814U Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC814U Datasheet PDF - KEC(Korea Electronics)

Part # KTC814U
Download  KTC814U Click to download

File Size   22.0 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description US6 PACKAGE

KTC814U Datasheet (HTML) - KEC(Korea Electronics)


KTC814U Product details

FOR MUTING AND SWITCHING APPLICATION.

FEATURES
• High Emitter-Base Voltage : VEBO=25V(Min.)
• High Reverse hFE : Reverse hFE=150(Typ.) (VCE=-2V, IC=-4mA)
• Low on Resistance : RON=1 (Typ.), (IB=5mA)




Similar Part No. - KTC814U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC814U KEC-KTC814U_15 Datasheet
53Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - KTC814U

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
logo
KEC(Korea Electronics)
KDS125U KEC-KDS125U Datasheet
351Kb / 1P
US6 PACKAGE
KDS126U KEC-KDS126U Datasheet
351Kb / 1P
US6 PACKAGE
KDS128U KEC-KDS128U Datasheet
351Kb / 1P
US6 PACKAGE
KTC813U KEC-KTC813U_08 Datasheet
21Kb / 1P
US6 PACKAGE
KTC3605U KEC-KTC3605U Datasheet
21Kb / 1P
US6 PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com