Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC4080E Datasheet (PDF) - KEC(Korea Electronics)

KTC4080E Datasheet PDF - KEC(Korea Electronics)
Part # KTC4080E
Download  KTC4080E Download
File Size   422.27 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description ESM PACKAGE

KTC4080E Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC4080E Datasheet PDF - KEC(Korea Electronics)

Part # KTC4080E
Download  KTC4080E Click to download

File Size   422.27 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description ESM PACKAGE

KTC4080E Datasheet (HTML) - KEC(Korea Electronics)


KTC4080E Product details

HIGH FREQUENCY LOW NOISE AMPLIFIER APPLICATION.
VHF BAND AMPLIFIER APPLICATION.

FEATURES
• Small Reverse Transfer Capacitance : Cre=0.7pF(Typ.)
• Low Noise Figure : NF=2.5dB(Typ.) (f=100MHz).




Similar Part No. - KTC4080E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4080E KEC-KTC4080E_15 Datasheet
1Mb / 6P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - KTC4080E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR331E KEC-KDR331E_01 Datasheet
25Kb / 1P
ESM PACKAGE
KDS120E KEC-KDS120E Datasheet
26Kb / 1P
ESM PACKAGE
KRA303E KEC-KRA303E_00 Datasheet
25Kb / 1P
ESM PACKAGE
KRA310E KEC-KRA310E Datasheet
26Kb / 1P
ESM PACKAGE
KRA312E KEC-KRA312E Datasheet
25Kb / 1P
ESM PACKAGE
KRA313E KEC-KRA313E Datasheet
26Kb / 1P
ESM PACKAGE
KRA314E KEC-KRA314E Datasheet
25Kb / 1P
ESM PACKAGE
KRA318E KEC-KRA318E Datasheet
26Kb / 1P
ESM PACKAGE
KRA319E KEC-KRA319E Datasheet
26Kb / 1P
ESM PACKAGE
KRA320E KEC-KRA320E Datasheet
26Kb / 1P
ESM PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com