Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC9016S Datasheet (PDF) - KEC(Korea Electronics)

KTC9016S Datasheet PDF - KEC(Korea Electronics)
Part # KTC9016S
Download  KTC9016S Download
File Size   427.5 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SOT-23 PACKAGE

KTC9016S Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC9016S Datasheet PDF - KEC(Korea Electronics)

Part # KTC9016S
Download  KTC9016S Click to download

File Size   427.5 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SOT-23 PACKAGE

KTC9016S Datasheet (HTML) - KEC(Korea Electronics)


KTC9016S Product details

HIGH FREQUENCY LOW NOISE AMPLIFIER APPLICATION.
HF, VHF BAND AMPLIFIER APPLICATION.

FEATURES
• Small Reverse Transfer Capacitance : Cre=0.65pF(Typ.).
• Low Noise Figure :NF=2.2dB(Typ.) at f=100MHz.




Similar Part No. - KTC9016S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC9016 KEC-KTC9016 Datasheet
118Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, HF, VHF BAND AMPLIFIER)
KTC9016 KEC-KTC9016 Datasheet
177Kb / 5P
2SC3229
More results


Similar Description - KTC9016S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
SOT-23 PACKAGE
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
SOT-23 PACKAGE
KDR721S KEC-KDR721S_05 Datasheet
16Kb / 1P
SOT-23 PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
SOT-23 PACKAGE
KMA3D6N20SA KEC-KMA3D6N20SA Datasheet
26Kb / 1P
SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
SOT-23 PACKAGE
KTC3911S KEC-KTC3911S_03 Datasheet
375Kb / 1P
SOT-23 PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com