Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11040K Datasheet (PDF) - Maxim Integrated Products

MAX11040K Datasheet PDF - Maxim Integrated Products
Part # MAX11040K
Download  MAX11040K Download
File Size   505.83 Kbytes
Page   35 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs

MAX11040K Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11040K Datasheet PDF - Maxim Integrated Products

Part # MAX11040K
Download  MAX11040K Click to download

File Size   505.83 Kbytes
Page   35 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs

MAX11040K Datasheet (HTML) - Maxim Integrated Products


MAX11040K Product details

General Description
The MAX11040K/MAX11060 are 24-/16-bit, 4-channel, simultaneous-sampling, sigma-delta analog-to-digital converters (ADCs). The devices allow simultaneous sampling of as many as 32 channels using a built-in cascade feature to synchronize as many as eight devices. The serial interface of the devices allows read ing data from all the cascaded devices using a single command.

Features
♦ Four Fully Differential Simultaneously Sampled Channels
♦ Cascadable for Up to 32 Channels of Simultaneous Sampling
♦ 106dB (MAX11040K) SNR at 16ksps
♦ 117dB (MAX11040K) SNR at 1ksps
♦ 0.25% Error Over a 1000:1 Dynamic Range, Processed Over 16.7ms (MAX11040K)
♦ ±2.2V Full-Scale Input Range
♦ ±6V Overvoltage Protected Inputs
♦ Internal Crystal Oscillator
♦ 2.5V, 50ppm/°C Internal Reference or External Reference
♦ Programmable Output Data Rate
    0.25ksps to 64ksps Range
    0.065% Resolution
♦ Programmable Sampling Phase 0 to 333µs Delay in 1.33µs Steps
♦ SPI-/QSPI-/MICROWIRE-/DSP-Compatible 4-Wire Serial Interface
♦ Cascadable Interface Allows Control of Up to Eight Devices with a Single CS Signal
♦ 3.0V to 3.6V Analog Supply Voltage
♦ 2.7V to VAVDD Digital Supply Voltage
♦ 38-Pin TSSOP Package




Similar Part No. - MAX11040K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K Datasheet
650Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
1Mb / 32P
MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
MAX11040KDBEVKIT MAXIM-MAX11040KDBEVKIT Datasheet
1Mb / 32P
MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
MAX11040KEVKIT MAXIM-MAX11040KEVKIT Datasheet
1Mb / 32P
MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
MAX11040KGUU+ MAXIM-MAX11040KGUU+ Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results


Similar Description - MAX11040K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
logo
Analog Devices
AD7788 AD-AD7788 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
ADS131M04 TI1-ADS131M04 Datasheet
993Kb / 78P
4-channel, simultaneously-sampling, 24-bit, delta-sigma ADC
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
logo
Texas Instruments
ADS131M04-Q1 TI-ADS131M04-Q1 Datasheet
2Mb / 91P
ADS131M04-Q1 Automotive, 4-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
REVISED AUGUST 2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com