Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX7.5 Datasheet (PDF) - Semtech Corporation

SX7.5 Datasheet PDF - Semtech Corporation
Part # SX7.5
Download  SX7.5 Download
File Size   93.19 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 5 WATT VOLTAGE REGULATOR

SX7.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX7.5 Datasheet PDF - Semtech Corporation

Part # SX7.5
Download  SX7.5 Click to download

File Size   93.19 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 5 WATT VOLTAGE REGULATOR

SX7.5 Datasheet (HTML) - Semtech Corporation


SX7.5 Product details

AXIAL LEADED, HERMETICALLY SEALED, 5 WATT VOLTAGE REGULATORS

• Low dynamic impedance
• Hermetically sealed in Metoxilite fused metal oxide
• 5 Watt applications
• Low reverse leakage currents
• Small package




Similar Part No. - SX7.5

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SX7000 A-DATA-SX7000 Datasheet
612Kb / 2P
NVMe 1.2 certified
logo
Honeywell Solid State E...
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
Honeywell Accelerometer...
SX7005D HONEYWELL-ACC-SX7005D Datasheet
147Kb / 4P
CPX and XPX Cross to NSC Series
SX7015D HONEYWELL-ACC-SX7015D Datasheet
147Kb / 4P
CPX and XPX Cross to NSC Series
SX7030D HONEYWELL-ACC-SX7030D Datasheet
147Kb / 4P
CPX and XPX Cross to NSC Series
More results


Similar Description - SX7.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
87Kb / 6P
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Siemens Semiconductor G...
TLE4286G SIEMENS-TLE4286G Datasheet
42Kb / 9P
5-V Voltage Regulator
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
5 Volt, 5 Amp Voltage Regulator
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G Datasheet
158Kb / 13P
5-V Voltage Regulator
Version 1.3 2001-09-12
TLE4285G INFINEON-TLE4285G Datasheet
201Kb / 11P
5-V Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Linear Technology
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Tripp Lite. All Rights ...
VRX2008R TRIPPLITE-VRX2008R Datasheet
518Kb / 2P
1000 Watt Voltage Regulator - Automatic voltage
logo
DATEL, Inc.
PT5S5-0.4 DATEL-PT5S5-0.4 Datasheet
158Kb / 1P
Switching Regulator 2-Watt SIP, 5 Volts Output
PT12S5-0.4 DATEL-PT12S5-0.4 Datasheet
158Kb / 1P
Switching Regulator 2-Watt SIP, 5 Volts Output
PT12S5-0.6 DATEL-PT12S5-0.6 Datasheet
143Kb / 1P
Switching Regulator 3 Watt SIP, 5 Volts Output
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com