Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3528 Datasheet (PDF) - EPCOS

B3528 Datasheet PDF - EPCOS
Part # B3528
Download  B3528 Download
File Size   67.18 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF filter GPS

B3528 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3528 Datasheet PDF - EPCOS

Part # B3528
Download  B3528 Click to download

File Size   67.18 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF filter GPS

B3528 Datasheet (HTML) - EPCOS


B3528 Product details

Features

■ Package size 3.0 x 3.0 x 1.1 mm3

■ Package code DCC6D

■ RoHS compatible

■ Approximate weight 0.037 g

■ Package for Surface Mount Technology (SMT)

■ Ni, gold-plated terminals

■ Lead free soldering compatible with J - STD20C

■ AEC-Q200 qualified component family

■ Electrostatic Sensitive Device (ESD)



Application

■ Low-loss RF filter for GPS applications

■ Impedance transformation from 50 Ω to 100 Ω

■ Unbalanced to balanced operation

■ Very low insertion attenuation

■ Low amplitude ripple

■ Usable passband 2.0 MHz



 




Similar Part No. - B3528

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3520 ETC1-B3520 Datasheet
219Kb / 4P
N-CHANNEL DMOS FET SWITCH
logo
EPCOS
B3520 EPCOS-B3520 Datasheet
63Kb / 6P
Low Loss Filter for Automotive Telematics
B3520 EPCOS-B3520 Datasheet
59Kb / 8P
SAW Components
logo
List of Unclassifed Man...
B3520K4-X.X ETC1-B3520K4-X.X Datasheet
219Kb / 4P
N-CHANNEL DMOS FET SWITCH
logo
EPCOS
B3520 EPCOS-B3520_1 Datasheet
59Kb / 8P
SAW Components
More results


Similar Description - B3528

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
801-RF1575.42M-D OSCILENT-801-RF1575.42M-D Datasheet
370Kb / 3P
GPS, RF SAW Filter
logo
EPCOS
B4300 EPCOS-B4300 Datasheet
72Kb / 7P
SAW RF filter GPS
logo
Transko Electronics, In...
TA1209AM TRANSKO-TA1209AM Datasheet
425Kb / 4P
GPS, RF SAW Filter
Revision 0: July 2008
TA1575DJ TRANSKO-TA1575DJ Datasheet
439Kb / 4P
GPS, RF SAW Filter
Revision 0: May 2005
TA1575GJ TRANSKO-TA1575GJ Datasheet
429Kb / 4P
GPS, RF SAW Filter
Revision 0: June 2005
TA1575GL TRANSKO-TA1575GL Datasheet
396Kb / 4P
GPS, RF SAW Filter
Revision 0:
TA1575KM1 TRANSKO-TA1575KM1 Datasheet
273Kb / 3P
GPS RF SAW Filter
Revision 0: March 2007
TA1575PM TRANSKO-TA1575PM Datasheet
426Kb / 4P
GPS, RF SAW Filter
Revision 0: November 2008
TA1575SQ3 TRANSKO-TA1575SQ3 Datasheet
402Kb / 4P
GPS RF SAW Filter
Revision 0: December 2011
TA1575SQ4 TRANSKO-TA1575SQ4 Datasheet
404Kb / 4P
GPS RF SAW Filter
Revision 0: July 2012
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com