Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF10200CT Datasheet (PDF) - KEC(Korea Electronics)

MBRF10200CT Datasheet PDF - KEC(Korea Electronics)
Part # MBRF10200CT
Download  MBRF10200CT Download
File Size   43.44 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE

MBRF10200CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF10200CT Datasheet PDF - KEC(Korea Electronics)

Part # MBRF10200CT
Download  MBRF10200CT Click to download

File Size   43.44 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SCHOTTKY BARRIER TYPE DIODE

MBRF10200CT Datasheet (HTML) - KEC(Korea Electronics)


MBRF10200CT Product details

SWITCHING TYPE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.

FEATURES
• Average Output Rectified Current : IO=10A.
• Repetitive Peak Reverse Voltage : VRRM=200V.
• Fast Reverse Recovery Time : trr=35ns.




Similar Part No. - MBRF10200CT

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MBRF10200CT DIOTECH-MBRF10200CT Datasheet
866Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF10200CT TSC-MBRF10200CT Datasheet
187Kb / 2P
10.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Tak Cheong Electronics ...
MBRF10200CT TAK_CHEONG-MBRF10200CT Datasheet
154Kb / 4P
10A SCHOTTKY BARRIER DIODE Full Pack High Voltage Schottky Rectifier
logo
Rugao Dachang Electroni...
MBRF10200CT DACHANG-MBRF10200CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
logo
Tiger Electronic Co.,Lt...
MBRF10200CT TGS-MBRF10200CT Datasheet
345Kb / 1P
TO-220F Plastic-Encapsulate Diodes
More results


Similar Description - MBRF10200CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com