Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4304 Datasheet (PDF) - EPCOS

B4304 Datasheet PDF - EPCOS
Part # B4304
Download  B4304 Download
File Size   101.03 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx filter Automotive telematics

B4304 Datasheet (PDF)

Go To PDF Page Download Datasheet
B4304 Datasheet PDF - EPCOS

Part # B4304
Download  B4304 Click to download

File Size   101.03 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx filter Automotive telematics

B4304 Datasheet (HTML) - EPCOS


B4304 Product details

Features

■Package size 1.4 x1.1 x 0.4 mm3

■Package code QCS5M

■RoHS compatible

■Approximate weight 0.003 g

■Package for Surface Mount Technology(SMT)

■Ni, gold-plated terminals

■AEC-Q200 qualified component family (operable temperature range –40˚C to +85˚C)

■Electrostatic SensitiveDevice (ESD)



Application

■Low-loss RF filter for mobile telephone WCDMA Band VIII and GSM 900 systems, receive path (RX)

■Very low insertion loss

■Useable passband: 35 MHz

■Unbalanced to balanced operation

■Impedance transformation from 50Ωto 150Ω

■Suitable for GPRS class 1 to 12




Similar Part No. - B4304

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43044 EPCOS-B43044 Datasheet
929Kb / 22P
Aluminum electrolytic capacitors
More results


Similar Description - B4304

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3908 EPCOS-B3908 Datasheet
65Kb / 6P
SAW RF filter Automotive telematics
B3514 EPCOS-B3514 Datasheet
107Kb / 9P
SAW RF filter Automotive telematics
B3517 EPCOS-B3517 Datasheet
79Kb / 8P
SAW RF filter Automotive telematics
B3524 EPCOS-B3524_11 Datasheet
95Kb / 8P
SAW filter Automotive telematics
B3912 EPCOS-B3912 Datasheet
72Kb / 8P
SAW filter Automotive telematics
B4234 EPCOS-B4234_11 Datasheet
128Kb / 10P
SAW RF filter Automotive telematics
B4235 EPCOS-B4235_11 Datasheet
122Kb / 11P
SAW RF filter Automotive telematics
B4305 EPCOS-B4305 Datasheet
107Kb / 8P
SAW Rx filter Automotive telematics
B4306 EPCOS-B4306 Datasheet
99Kb / 8P
SAW Rx filter Automotive telematics
B4307 EPCOS-B4307 Datasheet
73Kb / 7P
SAW Tx filter Automotive Telematics
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com