Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44260 Datasheet (PDF) - Maxim Integrated Products

MAX44260 Datasheet PDF - Maxim Integrated Products
Part # MAX44260
Download  MAX44260 Download
File Size   2637.46 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps 500fA Low Input Bias Current

MAX44260 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44260 Datasheet PDF - Maxim Integrated Products

Part # MAX44260
Download  MAX44260 Click to download

File Size   2637.46 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps 500fA Low Input Bias Current

MAX44260 Datasheet (HTML) - Maxim Integrated Products


MAX44260 Product details

General Description
The MAX44259/MAX44260/MAX44261/MAX44263 offer a unique combination of high speed, precision, low noise, and low-voltage operation making them ideally suited for a large number of signal processing functions such as filtering and amplification of signals in portable and industrial equipment.
The devices’ rail-to-rail input/outputs and low noise guarantee maximum dynamic range in demanding applications such as 12- to 14-bit SAR ADC drivers. Unlike traditional rail-to-rail input structures, input crossover distortion is absent due to an optimized input stage with an ultra-quiet charge pump.
The MAX44260 includes a fast-power-on shutdown mode for further power savings. The MAX44261 offers a unique on-demand calibration pin where the user can invoke selftrimming of the input offset voltage. The MAX44263 is a dual amplifier.

Benefits and Features
● Low Noise for Higher System Accuracy
   • 12.7nV/√Hz Input Voltage-Noise Density
   • 1.2fA/√Hz Input Current-Noise Density
   • 50µV (max) VOS at +25°C
   • 110dB Total Harmonic Distortion
● 15MHz Unity-Gain Bandwidth Enables for HighBandwidth Applications
● Low Power Extends the Battery Life of Portable Equipment
   • 500fA Low Input Bias Current
   • 750µA Quiescent Current per Amplifier
   • < 1µA Supply Current in Shutdown
● On-Demand VOS Self-Calibration (MAX44261)
● Saves Board Space
   • Small, 2mm x 2mm SC70 and 1mm x 1.5mm Thin µDFN (MAX44260) and SOT23 (MAX44259) Packages
● Wide Supply Range from 1.8V to 5.5V Simplifies Power-Supply Requirements

Applications
● Notebooks
● 3G/4G Handsets
● Portable Media Players
● Portable Medical Instruments
● Battery-Operated Devices
● Analog-to-Digital Converter Buffers
● Transimpedance Amplifiers




Similar Part No. - MAX44260

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44260 MAXIM-MAX44260 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44260 MAXIM-MAX44260 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2; 2/12
MAX44260 MAXIM-MAX44260 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 4; 7/12
MAX44260 MAXIM-MAX44260 Datasheet
1Mb / 7P
Accommodates Multiple Op-Amp Configurations
19-5904; Rev 0; 6/11
MAX44260AXT+ MAXIM-MAX44260AXT+ Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
More results


Similar Description - MAX44260

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX44260_1108 MAXIM-MAX44260_1108 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44260 MAXIM-MAX44260_12 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2; 2/12
MAX44280 MAXIM-MAX44280 Datasheet
2Mb / 16P
1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp
Rev 1; 4/12
MAX44260_V4 MAXIM-MAX44260_V4 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 4; 7/12
logo
National Semiconductor ...
LMV301 NSC-LMV301_14 Datasheet
1Mb / 26P
LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Texas Instruments
LMV301 TI1-LMV301 Datasheet
1Mb / 27P
LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259_V01 Datasheet
1,007Kb / 14P
1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com