Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929 Datasheet (PDF) - Maxim Integrated Products

MAX16929 Datasheet PDF - Maxim Integrated Products
Part # MAX16929
Download  MAX16929 Download
File Size   2830.13 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators

MAX16929 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16929 Datasheet PDF - Maxim Integrated Products

Part # MAX16929
Download  MAX16929 Click to download

File Size   2830.13 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators

MAX16929 Datasheet (HTML) - Maxim Integrated Products


MAX16929 Product details

General Description
The MAX16929 is a highly integrated power supply for automotive TFT-LCD applications. The device integrates one buck converter, one boost converter, one 1.8V/3.3V regulator controller, and two gate voltage regulators. The device comes in several versions to satisfy common automotive power-supply requirements (see the Ordering Information/Selector Guide table).

Features
♦ Operating Voltage Range of 4V to 28V (Buck) or  3V to 5.5V (Boost)
♦ Independent 28V Input Buck Converter Powers  TFT Bias Supply Circuitry and External Circuitry
♦ High-Power (Up to 6W) Boost Output Providing Up  to 18V
♦ 1.8V or 3.3V Regulator Provides 500mA with  External npn Transistor
♦ One Positive-Gate Voltage Regulator Capable of  Delivering 20mA at 28V
♦ One Negative-Gate Voltage Regulator
♦ High-Frequency Operation
    ◇ 2.1MHz (Buck Converter)
    ◇ 2.2MHz (Boost Converter)
♦ Flexible Stand-Alone Sequencing
♦ True Shutdown™ Boost Converter
♦ 6µA Low-Current Shutdown Mode (Buck)
♦ Internal Soft-Start
♦ Overtemperature Shutdown
♦ -40°C to +105°C Operation

Applications
    Automotive Dashboards
    Automotive Central Information Displays
    Automotive Navigation Systems




Similar Part No. - MAX16929

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16929 MAXIM-MAX16929 Datasheet
2Mb / 25P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
MAX16929EVKIT MAXIM-MAX16929EVKIT Datasheet
1Mb / 9P
4.5V to 28V Input Range
Rev 0; 4/11
MAX16929EVKIT# MAXIM-MAX16929EVKIT# Datasheet
1Mb / 9P
4.5V to 28V Input Range
Rev 0; 4/11
MAX16929 MAXIM-MAX16929_12 Datasheet
2Mb / 25P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
More results


Similar Description - MAX16929

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
Intersil Corporation
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
Automotive Grade TFT-LCD Power Supply
logo
Maxim Integrated Produc...
MAX16928 MAXIM-MAX16928 Datasheet
2Mb / 20P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 7/11
logo
Intersil Corporation
ISL78010 INTERSIL-ISL78010_11 Datasheet
694Kb / 19P
Automotive Grade TFT-LCD Power Supply
logo
Maxim Integrated Produc...
MAX16928 MAXIM-MAX16928_12 Datasheet
2Mb / 20P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 1; 1/12
MAX16929 MAXIM-MAX16929_12 Datasheet
2Mb / 25P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
Automotive Grade TFT-LCD Power Supply
December 4, 2013
logo
Maxim Integrated Produc...
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
MAX16928 MAXIM-MAX16928_V01 Datasheet
1Mb / 20P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com