Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15112 Datasheet (PDF) - Maxim Integrated Products

MAX15112 Datasheet PDF - Maxim Integrated Products
Part # MAX15112
Download  MAX15112 Download
File Size   3900.86 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, 12A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches

MAX15112 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15112 Datasheet PDF - Maxim Integrated Products

Part # MAX15112
Download  MAX15112 Click to download

File Size   3900.86 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, 12A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches

MAX15112 Datasheet (HTML) - Maxim Integrated Products


MAX15112 Product details

General Description
The MAX15112 high-efficiency, current-mode step-down regulator with integrated power switches operates from 2.7V to 5.5V and delivers up to 12A of output current in a small 2mm x 3mm package. The MAX15112 offers excellent efficiency with skip mode capability at light-load conditions, yet provides unmatched efficiency under heavy load conditions. The combination of small size and high efficiency makes this device suitable for both portable and nonportable applications.

Features
♦ Continuous 12A Output Current Over Temperature
♦ ±1% Feedback Accuracy Over Load, Line, and  Temperature
♦ Operates from 2.7V to 5.5V Supply
♦ Input Undervoltage Lockout
♦ Adjustable Output Range from 0.6V Up to 0.94 x VIN
♦ Programmable Soft-Start
♦ Factory-Trimmed 1MHz Switching Frequency
♦ Stable with Low-ESR Ceramic Output Capacitors
♦ Safe-Startup into a Prebiased Output
♦ External Reference Input
♦ Selectable Skip Mode Option for Improved Efficiency at Light Loads
♦ Enable Input/PGOOD Output Allows Sequencing
♦ Remote Ground Sense for Improved Accuracy
♦ Thermal and Overcurrent Protection
♦ Tiny 2.10mm x 3.05mm, 24-Bump WLP Package

Applications
   Notebooks
   Servers
   Distributed Power Systems
   DDR Memory
   Base Stations




Similar Part No. - MAX15112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15112 MAXIM-MAX15112 Datasheet
806Kb / 8P
Operates from a 2.7V to 5.5V Input Supply
Rev 1; 9/12
MAX15112EVKIT MAXIM-MAX15112EVKIT Datasheet
806Kb / 8P
Operates from a 2.7V to 5.5V Input Supply
Rev 1; 9/12
More results


Similar Description - MAX15112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15118 MAXIM-MAX15118 Datasheet
4Mb / 23P
High-Efficiency, 18A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
Rev 0; 6/11
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com