Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PG05FBESC Datasheet (PDF) - KEC(Korea Electronics)

PG05FBESC Datasheet PDF - KEC(Korea Electronics)
Part # PG05FBESC
Download  PG05FBESC Download
File Size   394.33 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TVS Diode for ESD Protection in Portable Electronics

PG05FBESC Datasheet (PDF)

Go To PDF Page Download Datasheet
PG05FBESC Datasheet PDF - KEC(Korea Electronics)

Part # PG05FBESC
Download  PG05FBESC Click to download

File Size   394.33 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description TVS Diode for ESD Protection in Portable Electronics

PG05FBESC Datasheet (HTML) - KEC(Korea Electronics)


PG05FBESC Product details

Protection in Portable Electronics Applications.

FEATURES
• 50 Watts peak pulse power (tp=8/20μ s)
• Transient protection for data lines to
   IEC61000-4-2(ESD) 15kV(Air), 8kV(Contact)
   IEC61000-4-4(EFT) 40A(tp=5/50ns)
   IEC61000-4-5(Lightning) 5A(tp=8/20μ s)
• Bidirectional Type Pin Configuration Structure.
• Small package for use in portable electronics.
• Suitable replacement for Multi-Layer Varistors in ESD protection applications.
• Protects one I/O or power line.
• Low clamping voltage.
• Low leakage current.
• Suffix U : Qualified to AEC-Q101.
                  ex) PG05FBESC-RTK/HU

APPLICATIONS
• Cell phone handsets and accessories.
• Microprocessor based equipment.
• Personal digital assistants (PDA’s)
• Notebooks, desktops, & servers.
• Portable instrumentation.
• Pagers peripherals.




Similar Part No. - PG05FBESC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05FBESC KEC-PG05FBESC Datasheet
503Kb / 2P
Protection in Portable Electronics
PG05FBESC KEC-PG05FBESC_15 Datasheet
503Kb / 2P
Protection in Portable Electronics
More results


Similar Description - PG05FBESC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03DBTFC KEC-PG03DBTFC Datasheet
383Kb / 1P
TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC Datasheet
21Kb / 1P
TVS Diode for ESD Protection in Portable Electronics
PG05DBTFC KEC-PG05DBTFC Datasheet
31Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05DBVSC KEC-PG05DBVSC Datasheet
31Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC_07 Datasheet
437Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC_07 Datasheet
437Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05BAUSM KEC-PG05BAUSM_08 Datasheet
90Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05DBTFC KEC-PG05DBTFC_11 Datasheet
365Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05TAVSM KEC-PG05TAVSM Datasheet
55Kb / 3P
TVS Diode for ESD Protection in Portable Electronics
PG05DBEL2 KEC-PG05DBEL2 Datasheet
465Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com