Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E646 Datasheet (PDF) - Semtech Corporation

E646 Datasheet PDF - Semtech Corporation
Part # E646
Download  E646 Download
File Size   135.87 Kbytes
Page   13 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Pin Electronics Driver, Window Comparator, and Switch Matrix

E646 Datasheet (PDF)

Go To PDF Page Download Datasheet
E646 Datasheet PDF - Semtech Corporation

Part # E646
Download  E646 Click to download

File Size   135.87 Kbytes
Page   13 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Pin Electronics Driver, Window Comparator, and Switch Matrix

E646 Datasheet (HTML) - Semtech Corporation


E646 Product details

Description

The Edge646 is an integrated trinary driver, window comparator, and switch matrix pin electronics solution manufactured in a wide voltage CMOS process. It is designed for automatic test equipment and instrumentation where cost, functional density, and power are all at a premium.

The tristatable driver is capable of generating 3 levels - one for a logic high, one for a logic low, and one for either a termination voltage or a special programming voltage.



Features

• 100 MHz Operation

• 12V I/O Range

• Programmable Output Levels

• Flex In digital Inputs (Technology Independent)

• Three Level Driver

• Extremely Low Leakage Currents (typically ~0 nA)

• Small Footprint (32 Pin, 7 mm X 7 mm, TQFP Package)



Applications

• Low Cost Automated Test Equipment



 




Similar Part No. - E646

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E646ATF SEMTECH-E646ATF Datasheet
140Kb / 14P
Pin Electronics Driver, Window Comparator, and Switch Matrix
More results


Similar Description - E646

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E647ATF SEMTECH-E647ATF Datasheet
137Kb / 13P
Pin Electronics Driver, Window Comparator, and Switch Matrix
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
Octal 18V Pin Electronics Driver/window Comparator
EDGE646 SEMTECH-EDGE646 Datasheet
140Kb / 14P
Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE647 SEMTECH-EDGE647 Datasheet
96Kb / 13P
Pin Electronics Driver, Window Comparator, and Switch Matrix
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
133 MHZ Quad Pin Electronics Driver and Window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
November 24, 2008
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com