Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ1117 Datasheet (PDF) - Semtech Corporation

EZ1117 Datasheet PDF - Semtech Corporation
Part # EZ1117
Download  EZ1117 Download
File Size   126.83 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS

EZ1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
EZ1117 Datasheet PDF - Semtech Corporation

Part # EZ1117
Download  EZ1117 Click to download

File Size   126.83 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS

EZ1117 Datasheet (HTML) - Semtech Corporation


EZ1117 Product details

Description

The EZ1117 series of high performance positive voltage regulators are designed for use in applications requiring low dropout performance at full rated current.

Additionally, the EZ1117 series provides excellent regulation over variations in line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device. The EZ1117 series of three terminal regulators offer fixed and adjustable voltage options available in the space saving SOT-223 and TO-263 packages.



Features

♦ Low dropout performance,

   1.2V max. for EZ1117

   1.3V max. for EZ1117A

♦ Full current rating over line and temperature

♦ Fast transient Response

♦ ±2% total output regulation over line, load and temperature

♦ Adjust pin current max 90μA over temperature

♦ Fixed/adjustable output voltage

♦ Line regulation 0.2% max.

♦ Load regulation 0.4% max.

♦ SOT-223 and TO-263 packages



Applications

♦ Active SCSI termination

♦ Low voltage microcontrollers

♦ Switching power supply post-regulator



 




Similar Part No. - EZ1117

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1117ACM-X.X SEMTECH-EZ1117ACM-X.X Datasheet
476Kb / 6P
0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117ACST-X.X SEMTECH-EZ1117ACST-X.X Datasheet
476Kb / 6P
0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117CM-X.X SEMTECH-EZ1117CM-X.X Datasheet
476Kb / 6P
0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117CST-X.X SEMTECH-EZ1117CST-X.X Datasheet
476Kb / 6P
0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
0.8 & 1.0 AMP Positive Voltage Regulators
More results


Similar Description - EZ1117

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
0.8 & 1.0 AMP Positive Voltage Regulators
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
1.0 A Positive Voltage Regulators
logo
ON Semiconductor
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com