Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE98ATP Datasheet (PDF) - NXP Semiconductors

SE98ATP Datasheet PDF - NXP Semiconductors
Part # SE98ATP
Download  SE98ATP Download
File Size   915.75 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description DDR memory module temp sensor, 1.7 V to 3.6 V

SE98ATP Datasheet (PDF)

Go To PDF Page Download Datasheet
SE98ATP Datasheet PDF - NXP Semiconductors

Part # SE98ATP
Download  SE98ATP Click to download

File Size   915.75 Kbytes
Page   43 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description DDR memory module temp sensor, 1.7 V to 3.6 V

SE98ATP Datasheet (HTML) - NXP Semiconductors




Similar Part No. - SE98ATP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE98ATP NXP-SE98ATP Datasheet
227Kb / 43P
DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
More results


Similar Description - SE98ATP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97 NXP-SE97 Datasheet
281Kb / 54P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE98A NXP-SE98A Datasheet
227Kb / 43P
DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
SE97 NXP-SE97_09 Datasheet
275Kb / 53P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06-17 August 2009
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97B NXP-SE97B Datasheet
401Kb / 53P
DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
SE98 NXP-SE98 Datasheet
193Kb / 39P
DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
logo
Skyworks Solutions Inc.
SKY66108 SKYWORKS-SKY66108_11 Datasheet
1Mb / 13P
2.0 V to 3.6 V supply operation
logo
NXP Semiconductors
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com