Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ1900 Datasheet (PDF) - Semtech Corporation

EZ1900 Datasheet PDF - Semtech Corporation
Part # EZ1900
Download  EZ1900 Download
File Size   95.79 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description REGULATOR BALANCE CONTROLLER

EZ1900 Datasheet (PDF)

Go To PDF Page Download Datasheet
EZ1900 Datasheet PDF - Semtech Corporation

Part # EZ1900
Download  EZ1900 Click to download

File Size   95.79 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description REGULATOR BALANCE CONTROLLER

EZ1900 Datasheet (HTML) - Semtech Corporation


EZ1900 Product details

DESCRIPTION
The EZ1900 is a high performance positive load current balancer designed for use in applications utilizing 2 regulators in parallel to achieve equal current sharing or identical current for each load. The regulator balance controller allows a flexible motherboard design to be made to cope with different processor configurations.

FEATURES
• Current balance controller for regulators in parallel
• Slave and non-slave voltage modes
• Slave or non-slave mode computer selected
• Compatible with 3 or 5 pin low drop regulators
• Remote sense operation
• SO-8 package

APPLICATIONS
• Flexible upgrade from single voltage plane to split-plane processors
• Intel Pentium® Processor P54CS & P55C upgrades
• PowerPC™ 603 & 604 upgrades
• AMD5K86™ upgrades




Similar Part No. - EZ1900

ManufacturerPart #DatasheetDescription
logo
Kontron
EZ1-VM6054-00-L KONTRON-EZ1-VM6054-00-L Datasheet
2Mb / 4P
6U VME SINGLE BOARD COMPUTER
logo
Marktech Corporate
EZ1000 MARKTECH-EZ1000 Datasheet
456Kb / 5P
Gen II LEDs
EZ1000 MARKTECH-EZ1000_15 Datasheet
456Kb / 5P
Gen II LEDs
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1082 SEMTECH-EZ1082 Datasheet
138Kb / 5P
10.0A Positive Voltage Regulator
More results


Similar Description - EZ1900

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
logo
Panasonic Semiconductor
AN612 PANASONIC-AN612 Datasheet
48Kb / 2P
Balance Modulator Circuit
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Fairchild Semiconductor
FAN7346 FAIRCHILD-FAN7346 Datasheet
1Mb / 19P
4-Channel LED Current Balance Controller
logo
Micrel Semiconductor
MIC5163 MICREL-MIC5163 Datasheet
452Kb / 15P
Dual Regulator Controller
logo
Bothhand USA, LP.
S5498-LF BOTHHAND-S5498-LF Datasheet
727Kb / 1P
Excellent longitudinal balance
S5799-LF BOTHHAND-S5799-LF Datasheet
564Kb / 1P
Excellent longitudinal balance.
logo
ON Semiconductor
FAN7346 ONSEMI-FAN7346 Datasheet
3Mb / 21P
4-Channel LED Current Balance Controller
ctober, 2016 ??Rev. 0
logo
Mini-Circuits
BBFCV-492 MINI-BBFCV-492 Datasheet
398Kb / 2P
Balance Filter
REV. OR
BLFCV-1570 MINI-BLFCV-1570 Datasheet
380Kb / 2P
Balance Filter
REV. OR
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com