Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-60 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

PLC-60 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # PLC-60
Download  PLC-60 Download
File Size   259.66 Kbytes
Page   3 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 60W Single Output LED Power Supply

PLC-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLC-60 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # PLC-60
Download  PLC-60 Click to download

File Size   259.66 Kbytes
Page   3 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 60W Single Output LED Power Supply

PLC-60 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


PLC-60 Product details

Features :
• Universal AC input / Full range
• High efficiency up to 89%
• Adjustable output voltage and current level
• Protections: Short circuit / Over current / Over voltage / Over temperature
• Cooling by free air convection
• Built-in constant current limiting circuit
• Fully isolated plastic case with terminal block style of I/O
• Built-in active PFC function, comply with EN61000-3-2 class C (≥ 75% load)
• Class 2 power unit
• Pass LPS
• 100% full load burn-in test
• High reliability
• Suitable for LED lighting and moving sign applications (Note.2)
• Compliance to worldwide safety regulations for lighting
• 2 years warranty




Similar Part No. - PLC-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLC-60-12 MEANWELL-PLC-60-12 Datasheet
263Kb / 3P
60W Single Output LED Power Supply
PLC-60-15 MEANWELL-PLC-60-15 Datasheet
263Kb / 3P
60W Single Output LED Power Supply
PLC-60-20 MEANWELL-PLC-60-20 Datasheet
263Kb / 3P
60W Single Output LED Power Supply
PLC-60-24 MEANWELL-PLC-60-24 Datasheet
263Kb / 3P
60W Single Output LED Power Supply
PLC-60-27 MEANWELL-PLC-60-27 Datasheet
263Kb / 3P
60W Single Output LED Power Supply
More results


Similar Description - PLC-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60 Datasheet
239Kb / 3P
60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60_11 Datasheet
242Kb / 3P
60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_11 Datasheet
221Kb / 3P
60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_12 Datasheet
221Kb / 3P
60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
60W Single Output LED Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com