Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD-25 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

PLD-25 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # PLD-25
Download  PLD-25 Download
File Size   176.17 Kbytes
Page   3 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 25W Single Output LED Power Supply

PLD-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLD-25 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # PLD-25
Download  PLD-25 Click to download

File Size   176.17 Kbytes
Page   3 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 25W Single Output LED Power Supply

PLD-25 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


PLD-25 Product details

Features :
• Universal AC input / Full range (up to 295VAC)
• Built-in active PFC function
• Constant current design
• Protections: Short circuit / Over temperature
• Cooling by free air convection
• Fully isolated plastic case
• IP30 design
• Class II power unit, no FG
• Class 2 power unit
• 100% full load burn-in test
• Low cost
• High reliability
• Suitable for dry / damp locations
• 3 years warranty




Similar Part No. - PLD-25

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLD-25 MEANWELL-PLD-25 Datasheet
193Kb / 3P
25W Single Output LED Power Supply
PLD-25-1050 MEANWELL-PLD-25-1050 Datasheet
193Kb / 3P
25W Single Output LED Power Supply
PLD-25-1400 MEANWELL-PLD-25-1400 Datasheet
193Kb / 3P
25W Single Output LED Power Supply
PLD-25-350 MEANWELL-PLD-25-350 Datasheet
193Kb / 3P
25W Single Output LED Power Supply
PLD-25-700 MEANWELL-PLD-25-700 Datasheet
193Kb / 3P
25W Single Output LED Power Supply
More results


Similar Description - PLD-25

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PCD-25 MEANWELL-PCD-25 Datasheet
175Kb / 3P
25W Single Output AC Dimmable LED Power Supply
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
25W Single Output Switching Power Supply
PCD-25_1107 MEANWELL-PCD-25_1107 Datasheet
197Kb / 4P
25W Single Output AC Dimmable LED Power Supply
PLD-25 MEANWELL-PLD-25_12 Datasheet
193Kb / 3P
25W Single Output LED Power Supply
PCD-25 MEANWELL-PCD-25_12 Datasheet
229Kb / 4P
25W Single Output AC Dimmable LED Power Supply
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
25W Single Output LED Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com